Electronic Components Datasheet Search
  English  ▼

X  

DP83952 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83952
Description  Repeater Interface Controller with Security Features (RIC II)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83952 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button DP83952 Datasheet HTML 60Page - National Semiconductor (TI) DP83952 Datasheet HTML 61Page - National Semiconductor (TI) DP83952 Datasheet HTML 62Page - National Semiconductor (TI) DP83952 Datasheet HTML 63Page - National Semiconductor (TI) DP83952 Datasheet HTML 64Page - National Semiconductor (TI) DP83952 Datasheet HTML 65Page - National Semiconductor (TI) DP83952 Datasheet HTML 66Page - National Semiconductor (TI) DP83952 Datasheet HTML 67Page - National Semiconductor (TI) DP83952 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
80 RIC II Registers (Continued)
LOWER EVENT COUNT MASK REGISTER (PAGE 0H ADDRESS 12H)
D7
D6
D5
D4
D3
D2
D1
D0
BDLNKC
PARTC
RECC
SEC
NSFDC
PLERC
ELBERC
JABC
Bit
RW
Symbol
Description
D0
RW
JABC
JABBER COUNT ENABLE
Enables recording of Jabber Protect events
D1
RW
ELBERC
ELASTICITY BUFFER ERROR COUNT ENABLE
Enables recording of Elasticity Buffer Error
events
D2
RW
PLERC
PHASE LOCK ERROR COUNT ENABLE
Enables recording of Carrier Error events
D3
RW
NSFDC
NON-SFD COUNT ENABLE
Enables recording of Non-SFD packet events
D4
RW
SEC
SHORT EVENT COUNT ENABLE
Enables recording of Short events
D5
RW
RECC
RECEIVE COUNT ENABLE
Enables recording of Packet Receive (Port N status) events that do not
suffer collisions
D6
RW
PARTC
PARTITION COUNT ENABLE
Enables recording of Partition events
D7
RW
BDLNKC
BAD LINK COUNT ENABLE
Enables recording of Bad Link events
UPPER EVENT COUNT MASK REGISTER (PAGE 0H ADDRESS 13H)
The bits in this register effect the Upper and Lower Port Event Count Registers (ECR) on Page (3) addresses 12H to 1FH and
Page (4) addresses 12H to 1DH
D7
D6
D5
D4
D3
D2
D1
D0
resv
resv
OWCC
RXCOLC
TXCOLC
resv
FWF
ROR
Bit
RW
Symbol
Description
D0
RW
ROR
RESET ON READ
This bit selects the action a read operation has upon a port’s event counter
0 No effect upon register contents
1 The counter register is reset
D1
RW
FWF
FREEZE WHEN FULL
This bit controls the freezing of the Event Count registers when the
counter is full (FFFF Hex)
D2
R
resv
RESERVED FOR FUTURE USE
This bit should be written with a low logic level
D3
RW
TXCOLC
TRANSMIT COLLISION COUNT ENABLE
Enables recording of transmit collision events only
D4
RW
RXCOLC
RECEIVE COLLISION COUNT ENABLE
Enables recording of receive collision events only
D5
RW
OWCC
OUT OF WINDOW COLLISION COUNT ENABLE
Enables recording of out of window collision
events only
D(7 6)
R
resv
RESERVED FOR FUTURE USE
These bits should be written with a low logic level
Note
To count all collisions then both the TXCOLC and RXCOLC bits must be set The OWCC bit should not be set otherwise the port counter will be incremented
twice when an out of collision window collision occurs The OWCC bit alone should be set if only out of window collision are to be counted
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com