Electronic Components Datasheet Search
  English  ▼

X  

DP83952 Datasheet(PDF) 86 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83952
Description  Repeater Interface Controller with Security Features (RIC II)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83952 Datasheet(HTML) 86 Page - National Semiconductor (TI)

Back Button DP83952 Datasheet HTML 82Page - National Semiconductor (TI) DP83952 Datasheet HTML 83Page - National Semiconductor (TI) DP83952 Datasheet HTML 84Page - National Semiconductor (TI) DP83952 Datasheet HTML 85Page - National Semiconductor (TI) DP83952 Datasheet HTML 86Page - National Semiconductor (TI) DP83952 Datasheet HTML 87Page - National Semiconductor (TI) DP83952 Datasheet HTML 88Page - National Semiconductor (TI) DP83952 Datasheet HTML 89Page - National Semiconductor (TI) DP83952 Datasheet HTML 90Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 86 / 90 page
background image
100 Timing and Load Diagrams (Continued)
MLOAD TIMING
TLF12499 – 37
Number
Symbol
Parameter
Min
Max
Units
T61
mldats
Data Setup
10
ns
T62
mldath
Data Hold
10
ns
T63
mlabufa
MLOAD Active to BUFEN Active
35
ns
T64
mlibufi
MLOAD Inactive to BUFEN Inactive
35
ns
T65
mlw
MLOAD Width
800
ns
STROBE TIMING
TLF12499 – 38
Number
Symbol
Parameter
Min
Max
Units
T66
stradrs
Strobe Address Setup
80
115
ns
T67
strdats
Strobe Data Setup
40
65
ns
T68
strdath
Strobe Data Hold
135
160
ns
T69
strw
Strobe Width
30
65
ns
CDEC TIMING
TLF12499 – 39
Number
Symbol
Parameter
Min
Max
Units
T70
cdecpw
CDEC Pulse Width
20
100
ns
T71
cdeccdec
CDEC to CDEC Width
200
ns
86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com