Electronic Components Datasheet Search
  English  ▼

X  

DP83952 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83952
Description  Repeater Interface Controller with Security Features (RIC II)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83952 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button DP83952 Datasheet HTML 48Page - National Semiconductor (TI) DP83952 Datasheet HTML 49Page - National Semiconductor (TI) DP83952 Datasheet HTML 50Page - National Semiconductor (TI) DP83952 Datasheet HTML 51Page - National Semiconductor (TI) DP83952 Datasheet HTML 52Page - National Semiconductor (TI) DP83952 Datasheet HTML 53Page - National Semiconductor (TI) DP83952 Datasheet HTML 54Page - National Semiconductor (TI) DP83952 Datasheet HTML 55Page - National Semiconductor (TI) DP83952 Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
80 RIC II Registers (Continued)
Register Address Map
Name
Address
PAGE (0)
PAGE (1)
PAGE (2)
PAGE (3)
00H
RIC II Status and Configuration Register
01H
Port 1 Status Register
02H
Port 2 Status Register
03H
Port 3 Status Register
04H
Port 4 Status Register
05H
Port 5 Status Register
06H
Port 6 Status Register
07H
Port 7 Status Register
08H
Port 8 Status Register
09H
Port 9 Status Register
0AH
Port 10 Status Register
0BH
Port 11 Status Register
0CH
Port 12 Status Register
0DH
Port 13 Status Register
0EH
RIC II Configuration Register
0FH
Real Time Interrupt Register
10H
Page Select Register
11H
Device Type Register
Port 1 Event Record
res
res
Register (ERR)
12H
Lower Event Count
Port 2 ERR
Port 1 Lower Event
Port 8 Lower ECR
Mask Register
Count Register (ECR)
(ECMR)
13H
Upper ECMR
Port 3 ERR
Port 1 Upper ECR
Port 8 Upper ECR
14H
Event Record Mask
Port 4 ERR
Port 2 Lower ECR
Port 9 Lower ECR
Register
15H
ECIMR - 2
Port 5 ERR
Port 2 Upper ECR
Port 9 Upper ECR
16H
ManagementInterrupt
Port 6 ERR
Port 3 Lower ECR
Port 10 Lower ECR
Configuration Register
17H
RIC II Address
Port 7 ERR
Port 3 Upper ECR
Port 10 Upper ECR
Register
18H
Packet Compress
Port 8 ERR
Port 4 Lower ECR
Port 11 Lower ECR
Decode Register
19H
res
Port 9 ERR
Port 4 Upper ECR
Port 11 Upper ECR
1AH
res
Port 10 ERR
Port 5 Lower ECR
Port 12 Lower ECR
1BH
res
Port 11 ERR
Port 5 Upper ECR
Port 12 Upper ECR
1CH
res
Port 12 ERR
Port 6 Lower ECR
Port 13 Lower ECR
1DH
GSR
Port 13 ERR
Port 6 Upper ECR
Port 13 Upper ECR
1EH
res
Upper EIR
Port 7 Lower ECR
res
1FH
IFG Threshold Select
Lower EIR
Port 7 Upper ECR
res
Note
Registers written in bold are the new RIC II specific registers which are not present in the RIC
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com