Electronic Components Datasheet Search
  English  ▼

X  

DP83952 Datasheet(PDF) 79 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83952
Description  Repeater Interface Controller with Security Features (RIC II)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83952 Datasheet(HTML) 79 Page - National Semiconductor (TI)

Back Button DP83952 Datasheet HTML 75Page - National Semiconductor (TI) DP83952 Datasheet HTML 76Page - National Semiconductor (TI) DP83952 Datasheet HTML 77Page - National Semiconductor (TI) DP83952 Datasheet HTML 78Page - National Semiconductor (TI) DP83952 Datasheet HTML 79Page - National Semiconductor (TI) DP83952 Datasheet HTML 80Page - National Semiconductor (TI) DP83952 Datasheet HTML 81Page - National Semiconductor (TI) DP83952 Datasheet HTML 82Page - National Semiconductor (TI) DP83952 Datasheet HTML 83Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 90 page
background image
90 AC and DC Specifications
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
05V to 70V
DC Input Voltage (VIN)
b
05V to VCC a 05V
DC Output Voltage (VOUT)
b
05V to VCC a 05V
Storage Temperature Range (TSTG)
b
65 Cto a150 C
Power Dissipation (PD)2W
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
ESD Rating
(Rzap e 15k Czap e 120 pF)
1500V
DC Specifications TA e 0 Cto a70 C VCC e 5V g5% unless otherwise specified
Symbol
Description
Conditions
Min
Max
Units
PROCESSOR LED TWISTED PAIR PORTS INTER-RIC AND MANAGEMENT INTERFACES
VOH
Minimum High Level Output Voltage
IOH eb8 mA
35
V
VOL
Minimum Low Level Output Voltage
IOL e 8 mA
04
V
VIH
Minimum High Level Input Voltage
20
V
VIL
Maximum Low Level Input Voltage
08
V
IIN
Input Current
VIN e VCC or GND
b
10
10
m
A
IOZ
Maximum TRI-STATE Output Leakage
VOUT e VCC or GND
b
10
10
m
A
Current
ICC
Average Supply Current
VIN e VCC or GND VCC e 525V
380
mA
AUI (PORT 1)
VOD
Differential Output Voltage (TXg)78X Termination and 270X Pulldowns
g
550
g
1200
mV
VOB
Differential Output Voltage Imbalance
78X Termination and 270X Pulldowns
Typical 40 mV
(TXg)
VU
Undershoot Voltage (TXg)78X Termination and 270X Pulldowns
Typical 80 mV
VDS
Differential Squelch Threshold
b
175
b
300
mV
(RXg CDg)
VCM
Differential Input Common Mode
0
55
V
Voltage (RXg CDg) (Note 1)
PSEUDO AUI (PORTS 2 – 13)
VPOD
Differential Output Voltage (TXg)
270X Termination and 1 kX Pulldowns
g
450
g
1200
mV
VPOB
Differential Output Voltage Imbalance
270X Termination and 1 kX Pulldowns
Typical 40 mV
(TXg)
VPU
Undershoot Voltage (TXg)
270X Termination and 1 kX Pulldowns
Typical 80 mV
VPDS
Differential Squelch Threshold
b
175
b
300
mV
(RXg CDg)
VPCM
Differential Input Common Mode
0
55
V
Voltage (Rxg CDg) (Note 1)
TWISTED PAIR (PORTS 2 – 13)
VRON
Minimum Receive Squelch Threshold
Normal Mode
g
300
g
585
mV
Reduced Mode
(Note 2)
g
340
Note 1
This parameter is guaranteed by design and is not tested
Note 2
The operation in Reduced Mode is not guaranteed below 300 mV
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com