Electronic Components Datasheet Search
  English  ▼

X  

DP83952 Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83952
Description  Repeater Interface Controller with Security Features (RIC II)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83952 Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button DP83952 Datasheet HTML 69Page - National Semiconductor (TI) DP83952 Datasheet HTML 70Page - National Semiconductor (TI) DP83952 Datasheet HTML 71Page - National Semiconductor (TI) DP83952 Datasheet HTML 72Page - National Semiconductor (TI) DP83952 Datasheet HTML 73Page - National Semiconductor (TI) DP83952 Datasheet HTML 74Page - National Semiconductor (TI) DP83952 Datasheet HTML 75Page - National Semiconductor (TI) DP83952 Datasheet HTML 76Page - National Semiconductor (TI) DP83952 Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 90 page
background image
80 RIC II Registers (Continued)
SHARED CAM VALIDATION REGISTER 1 (SCVR 1) (PAGE 9H ADDRESS 16H)
This register indicates the validity of an Ethernet address stored in any one of the shared CAMs When a ‘‘1’’ is written in a
specific SCVR upon starting the network security the CAM contents will be used for address comparison
D7
D6
D5
D4
D3
D2
D1
D0
ADV8
ADV7
ADV6
ADV5
ADV4
ADV3
ADV2
ADV1
Bit
RW
Symbol
Description
D0
RW
ADV1
ADdress Valid 1
0 Address is not valid in CAM 1
1 Address is valid in CAM 1
D1
RW
ADV2
ADdress Valid 2
0 Address is not valid in CAM 2
1 Address is valid in CAM 2
D2
RW
ADV3
ADdress Valid 3
0 Address is not valid in CAM 3
1 Address is valid in CAM 3
D3
RW
ADV4
ADdress Valid 4
0 Address is not valid in CAM 4
1 Address is valid in CAM 4
D4
RW
ADV5
ADdress Valid 5
0 Address is not valid in CAM 5
1 Address is valid in CAM 5
D5
RW
ADV6
ADdress Valid 6
0 Address is not valid in CAM 6
1 Address is valid in CAM 6
D6
RW
ADV7
ADdress Valid 7
0 Address is not valid in CAM 7
1 Address is valid in CAM 7
D7
RW
ADV8
ADdress Valid 8
0 Address is not valid in CAM 8
1 Address is valid in CAM 8
Note
Before writing to and changing any bits in this register read the register first and then only change the desired bits By doing this a previous entry will not be
invalidated mistakenly
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com