| Electronic Components Datasheet Search |
|
DP83952 Datasheet(PDF) 71 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83952 Datasheet(HTML) 71 Page - National Semiconductor (TI) |
|
71 / 90 page ![]() 80 RIC II Registers (Continued) PORT SECURITY CONFIGURATION REGISTER (PSCR) (PAGES 4H 5H 6H 8H 9H) This register sets up the various security modes for the RIC II It provides port specific information such as enablingdisabling the security mode passing broadcast packets etc In addition comparison on destination address source address or both can be selected The system can also qualify learning mode on a per port basis Note Bit D0 is only for the port CAMs and not for the shared CAMs D7 D6 D5 D4 D3 D2 D1 D0 res EDA ESA SAM MCE BCE SME LME Bit RW Symbol Description D0 RW LME LEARNING MODE 0 Disable Learn Mode for port CAMs 1 Enable Learn Mode for port CAMs D1 RW SME SECURITY MODE 0 Disable Security Mode 1 Enable Security Mode D2 RW BCE ACCEPT BROADCAST Enables the repeater to passrepeat a packet with an all 1’s destination address (Note 1) 0 Replace the broadcast packets with random packets 1 Pass broadcast packets D3 RW MCE ACCEPT MULTICAST Enables the repeater to passrepeat a packet with the LSB of ‘‘1’’ in the most significant byte of the destination address (Note 2) 0 Replace the multicast packets with random packets 1 Pass multicast packets D4 R SAM SOURCE ADDRESS MATCHMISMATCH 0 Source address match occurred for the packet 1 Source address mismatch occurred for the packet D5 RW ESA SOURCE ADDRESS SECURITY 0 Do not employ source address to implement security 1 Employ source address to implement security D6 RW EDA DESTINATION ADDRESS SECURITY 0 Do not employ destination address to implement security 1 Employ destination address to implement security D7 R res RESERVED FOR FUTURE USE Reads as a logic 0 Note 1 SA mismatch is still valid for broadcast packets Note 2 SA mismatch is still valid for multicast packets 71 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |