Electronic Components Datasheet Search
  English  ▼

X  

DP83952 Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83952
Description  Repeater Interface Controller with Security Features (RIC II)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83952 Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button DP83952 Datasheet HTML 71Page - National Semiconductor (TI) DP83952 Datasheet HTML 72Page - National Semiconductor (TI) DP83952 Datasheet HTML 73Page - National Semiconductor (TI) DP83952 Datasheet HTML 74Page - National Semiconductor (TI) DP83952 Datasheet HTML 75Page - National Semiconductor (TI) DP83952 Datasheet HTML 76Page - National Semiconductor (TI) DP83952 Datasheet HTML 77Page - National Semiconductor (TI) DP83952 Datasheet HTML 78Page - National Semiconductor (TI) DP83952 Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
80 RIC II Registers (Continued)
SHARED CAM VALIDATION REGISTER 3 (SCVR 3) (PAGE 9H ADDRESS 18H)
This register indicates the validity of an Ethernet address stored in any one of the shared CAMs When a ‘‘1’’ is written in a
specific SCVR upon starting the network security the CAM contents will be used for address comparison
D7
D6
5
D4D3D2D1D0
ADV24
ADV23
ADV22
ADV21
ADV20
ADV19
ADV18
ADV17
Bit
RW
Symbol
Description
D0
RW
ADV17
ADdress Valid 17
0 Address is not valid in CAM 17
1 Address is valid in CAM 17
D1
RW
ADV18
ADdress Valid 18
0 Address is not valid in CAM 18
1 Address is valid in CAM 18
D2
RW
ADV19
ADdress Valid 19
0 Address is not valid in CAM 19
1 Address is valid in CAM 19
D3
RW
ADV20
ADdress Valid 20
0 Address is not valid in CAM 20
1 Address is valid in CAM 20
D4
RW
ADV21
ADdress Valid 21
0 Address is not valid in CAM 21
1 Address is valid in CAM 21
D5
RW
ADV22
ADdress Valid 22
0 Address is not valid in CAM 22
1 Address is valid in CAM 22
D6
RW
ADV23
ADdress Valid 23
0 Address is not valid in CAM 23
1 Address is valid in CAM 23
D7
RW
ADV24
ADdress Valid 24
0 Address is not valid in CAM 24
1 Address is valid in CAM 24
Note
Before writing to and changing any bits in this register read the register first and then only change the desired bits By doing this a previous entry will not be
invalidated mistakenly
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com