Electronic Components Datasheet Search
  English  ▼

X  

DP83952 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83952
Description  Repeater Interface Controller with Security Features (RIC II)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83952 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button DP83952 Datasheet HTML 28Page - National Semiconductor (TI) DP83952 Datasheet HTML 29Page - National Semiconductor (TI) DP83952 Datasheet HTML 30Page - National Semiconductor (TI) DP83952 Datasheet HTML 31Page - National Semiconductor (TI) DP83952 Datasheet HTML 32Page - National Semiconductor (TI) DP83952 Datasheet HTML 33Page - National Semiconductor (TI) DP83952 Datasheet HTML 34Page - National Semiconductor (TI) DP83952 Datasheet HTML 35Page - National Semiconductor (TI) DP83952 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
50 Functional Description (Continued)
It is important to note that RIC II will learn the address of the
packet if LME is set regardless of the D0 setting of MLOAD
ie secure or non-secure mode
It is also very important to note that for proper address
learning LME and SAC should not be set together
When the repeater is in non-secure mode then the compar-
ison will not take place between the incoming address and
the learned address
When the repeater is in secure mode and the LME bit is
set then the processor readwrite access will be ignored for
the port CAM entries That is readwrite cycles are complet-
ed however unknown values are read during the learning
process Data will not be written into the CAM entries until
the end of the learning process
It may be desired not to randomize the outgoing data and
transmit the data intact when there is a valid source address
mismatch The Generate Random Pattern bit GRP in the
Global Security Register will provide the option
If GRP is set (GRPe1) and there is a source address mis-
match then RIC II will not generate random pattern the
packet will be transmitted out and the Hub Manager will be
informed about the source address mismatch
For this option to work properly
GRPeESAe1 and
EDAe0 If EDA is also set to 1 then the packet will be
randomized on ports with valid DA mismatches and this
functionality will not work
TABLE 5-1 Pin Definitions for Options in the Mode Load Operation
Pin
Programming
Effect When
Effect When
Function
Name
Function
Bit is 0
Bit is 1
D0
SCRTY
Security
Non-Security
This bit configures RIC II security feature options
Mode
Mode
When D0 e 0 LME SME ESA EDA bits in the Port Security
Configuration Register (PSCR) are set globally
When D0 e1 security can still be done but now the user
needs to set the above bits in the PSCR register
D1
TW2
5 Bits
3 Bits
This allows the user to select one of two values for the
repeater specification TW2 time The lower limit (3 bits) meets
the IEEE specification The upper limit (5 bits) is not
specification compliant but may provide users with higher
network throughput by avoiding spurious network activity gaps
when using coaxial (10BASE2 10BASE5) network segments
D2
CCLIM
63
31
The partition specification requires a port to be partitioned
after a certain number of consecutive collisions The RIC II
has two values available to allow users to customize the
partitioning algorithm to their environment Please refer to the
Partition State Machine in data sheet Section 73
D3
LPPART
Selected
Not Selected
The RIC II may be configured to partition a port if the segment
transceiver does not loopback data to the port when the port
is transmitting to it as described in the Partition State
Machine
D4
OWCE
Selected
Not Selected
This configuration bit allows the on-chip partition algorithm to
include out of window collisions into the collisions it monitors
as described in the Partition State Machine
D5
TXONLY
Selected
Not Selected
This configuration bit allows the on-chip partition algorithm to
restrict segment reconnection as described in the Partition
State Machine
D6
DPART
Selected
Not Selected
The Partition state machines for all ports may be disabled by
writing a logic zero to this bit during the mode load operation
D7
MINMAX
Minimum
Maximum Mode
The operation of the display update block is controlled by the
Mode
value of this configuration bit as described in the Display
Update Cycles section
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com