Electronic Components Datasheet Search
  English  ▼

X  

DP83952 Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83952
Description  Repeater Interface Controller with Security Features (RIC II)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83952 Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button DP83952 Datasheet HTML 76Page - National Semiconductor (TI) DP83952 Datasheet HTML 77Page - National Semiconductor (TI) DP83952 Datasheet HTML 78Page - National Semiconductor (TI) DP83952 Datasheet HTML 79Page - National Semiconductor (TI) DP83952 Datasheet HTML 80Page - National Semiconductor (TI) DP83952 Datasheet HTML 81Page - National Semiconductor (TI) DP83952 Datasheet HTML 82Page - National Semiconductor (TI) DP83952 Datasheet HTML 83Page - National Semiconductor (TI) DP83952 Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 90 page
background image
100 Timing and Load Diagrams
PORT ARBITRATION TIMING
TLF12499 – 24
Number
Symbol
Parameter
Min
Max
Units
T1
ackilackol
ACKI Low to ACKO Low
24
ns
T2
ackihackoh
ACKI High to ACKO High
21
ns
Note
Timing valid with no receive or collision activities
Note
In these diagrams the Inter-RIC and Management Busses are shown using active high signals active low signals may also be used See Mode Load
Operation description
RECEIVE TIMINGSAUI PORTS
Receive activity propagation start up and end delays for ports in non 10BASE-T mode
TLF12499 – 25
Number
Symbol
Parameter
Min
Max
Units
T3a
rxaackol
RX Active to ACKO Low
66
ns
T4a
rxiackoh
RX Inactive to ACKO High
325
ns
T5a
rxaactna
RX Active to ACTNd Active
105
ns
T6a
rxiactni
RX Inactive to ACTNd Inactive
325
ns
Note
ACKI assumed high
RECEIVE TIMING10BASE-T PORTS
Receive activity propagation start up and end delays for ports in 10BASE-T mode
TLF12499 – 26
Number
Symbol
Parameter
Min
Max
Units
T3t
rxaackol
RX Active to ACKO Low
240
ns
T4t
rxiackoh
RX Inactive to ACKO High
255
ns
T5t
rxaactna
RX Active to ACTNd Active
270
ns
T6t
rxiactni
RX Inactive to ACTNd Inactive
265
ns
Note
ACKI assumed high
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com