Electronic Components Datasheet Search
  English  ▼

X  

DP83952 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83952
Description  Repeater Interface Controller with Security Features (RIC II)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83952 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP83952 Datasheet HTML 19Page - National Semiconductor (TI) DP83952 Datasheet HTML 20Page - National Semiconductor (TI) DP83952 Datasheet HTML 21Page - National Semiconductor (TI) DP83952 Datasheet HTML 22Page - National Semiconductor (TI) DP83952 Datasheet HTML 23Page - National Semiconductor (TI) DP83952 Datasheet HTML 24Page - National Semiconductor (TI) DP83952 Datasheet HTML 25Page - National Semiconductor (TI) DP83952 Datasheet HTML 26Page - National Semiconductor (TI) DP83952 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 90 page
background image
50 Functional Description (Continued)
METHODS OF RIC II CASCADING
In order to build multi-RIC II repeaters
PORT N and
PORT M identification must be performed across all the RIC
IIs in the system Inside each RIC II the PSMs are arranged
in a logical arbitration chain where port 1 is the highest and
port 13 the lowest The top of the chain the input to port 1 is
accessible to the user via the RIC II’s ACKI input pin The
output from the bottom of the chain becomes the ACKO
output pin In a single RIC II system
PORT N is defined as
the highest port in the arbitration chain with receive or colli-
sion activity
Port N identification is performed when the re-
peater is in the
IDLE state PORT M is defined as the high-
est port in the chain with a collision when the repeater
leaves the
TRANSMIT COLLISION state In order for the
arbitration chain to function all that needs to be done is to
tie the ACKI signal to a logic high state In multi-RIC II sys-
tems there are two methods to propagate the arbitration
chain between RIC IIs
The first and most straightforward is to extend the arbitra-
tion chain by daisy chaining the ACKI-ACKO signals be-
tween RIC IIs In this approach one RIC II is placed at the
top of the chain (its ACKI input is tied high) then the ACKO
signal from this RIC II is sent to the ACKI input of the next
RIC II and so on This arrangement is simple to implement
but it places some topological restrictions upon the repeater
system In particular if the repeater is constructed using a
backplane with removable printed circuit boards (These
boards contain the RIC IIs and their associated compo-
nents) If one of the boards is removed then the ACKI-
ACKO chain will be broken and the repeater will not operate
correctly
The second method of
PORT N or M identification avoids
this problem This second technique relies on an external
parallel arbiter which monitors all of the RIC IIs’ ACKO sig-
nals and responds to the RIC II with the highest priority In
this scheme each RIC II is assigned with a priority level One
method of doing this is to assign a priority number which
reflects the position of a RIC II board on the repeater back-
plane ie its slot number When a RIC II experiences re-
ceive activity and the repeater system is in the
IDLE state
the RIC II board will assert ACKO External arbitration logic
drives the identification number onto an arbitration bus and
the RIC II containing
PORT N will be identified An identical
procedure is used in the
TRANSMIT COLLISION state to
identify
PORT M Parallel arbitration is not subject to the
problems caused by missing boards ie empty slots in the
backplane The logic associated with asserting this arbitra-
tion vector in the various packet repetition scenarios could
be implemented in PAL
or GAL
type devices
Both of the above methods employ the same signals ACKI
ACKO and ACTN to perform
PORT N or M arbitration
The Inter-RIC bus allows multi-RIC II operations to be per-
formed in exactly the same manner as if there is only a
single RIC II in the system The simplest way to describe the
operation of Inter-RIC bus is to see how it is used in a num-
ber of common packet repetition scenarios Throughout this
description the RIC IIs are presumed to be operating in ex-
ternal transceiver mode This is advantageous for the expla-
nation since the receive transmit and collision signals from
each network segment are observable In internal transceiv-
er mode this is not the case since the collision signal for the
non-AUI ports is derived by the transceivers inside the
RIC II
54 EXAMPLES OF PACKET REPETITION SCENARIOS
The operation of RIC II is described by the following exam-
ples of packet repetition scenarios
DATA REPETITION OVERVIEW
When a packet is received at one port RIC II checks the
source and destination addresses of the packet The port
configuration causes either a pseudo random bit sequence
or the received packet to be transmitted to different ports
If there is a destination address mismatch (secure mode)
then the RIC II will generate a random pattern on the first bit
of the data field on the corresponding transmitting port The
data remains intact on the Inter-RIC bus so other cascaded
repeaters could compare the destination address with their
local CAMs
On a valid source address mismatch (secure mode) RIC II
shall switch to random pattern both on the local transmitting
ports and the Inter-RIC bus
COLLISION SCENARIOS OVERVIEW
The RIC II will adhere to all collision scenarios When a
collision occurs RIC II will switch from a random pattern to a
jam pattern to comply with IEEE repeater specifications
If collision occurs during the preamble then jam pattern is
transmitted out by the repeater’s ports
In the case of a collision during the address field the ‘‘type
field’’ or the ‘‘data field’’ RIC II switches to the jam pattern
immediately
FIFO CONDITION OVERVIEW
Elasticity buffer error (ELBER) or FIFO overflow burst is an-
other condition that could take place anytime during the
packet transmission The sequence of events for FIFO burst
is the same as those for collision
DATA REPETITION PROCESS
The first task to be performed is
PORT N identification This
is an arbitration process performed by the Port State Ma-
chines in the system In situations where two or more ports
simultaneously receive packets the Inter-RIC bus operates
by choosing one of the active ports and forcing the others
to transmit data (real data or pseudo random data) This is
done in accordance with the IEEE specification’s allowed
exit paths from the
IDLE state ie to the SEND PREAM-
BLE PATTERN or RECEIVE COLLISION states
The packet begins with a preamble pattern derived from the
RIC II’s on-chip jampreamble generator The data received
at
PORT N is directed through the receive multiplexor to the
PLL decoder Once phase lock has been achieved the de-
coded data (in NRZ format) with its associated clock and
enable signals is asserted onto the IRD IRE and IRC Inter-
RIC bus lines respectively This serial data stream is re-
ceived from the bus by all RIC IIs in the repeater and direct-
ed to their Elasticity Buffers Logic circuits monitor the data
stream and look for the Start of Frame Delimiter (SFD)
When this has been detected data is loaded into the elas-
ticity buffer for later transmission This will occur when suffi-
cient preamble has been transmitted and certain internal
state machine operations have been fulfilled
Figure 5-3 shows two RIC IIs A and B daisy chained togeth-
er with RIC II A positioned at the top of the chain A packet
is received at port B1 of RIC II B and is then repeated by
the other ports in the system (non-secure mode)
Figure 5-4
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com