| Electronic Components Datasheet Search |
|
DP83952 Datasheet(PDF) 67 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83952 Datasheet(HTML) 67 Page - National Semiconductor (TI) |
|
67 / 90 page ![]() 80 RIC II Registers (Continued) RIC II ADDRESS REGISTER (PAGE 0H ADDRESS 17H) This register may be used to differentiate between RIC IIs in a multi-RIC II repeater system The contents of this register form part of the information available through the management bus D7 D6 D5 D4 D3 D2 D1 D0 A5 A4 A3 A2 A1 A0 res res PACKET COMPRESS DECODE REGISTER (PAGE 0H ADDRESS 18H) This register is used to determine the number of bytes in the data field of a packet which are transferred over the management bus when the packet compress option is employed The register bits perform the function of a direct binary decode Thus up to 255 bytes of data may be transferred over the management bus if packet compression is selected D7 D6 D5 D4 D3 D2 D1 D0 PCD7 PCD6 PCD5 PCD4 PCD3 PCD2 PCD1 PCD0 GLOBAL SECURITY REGISTER (GSR) (PAGE 0H ADDRESS 1DH) This register provides various security configuration options For instance enabling learning mode for all the ports starting address comparison using the modified packet status register 5 for the management bus generating random pattern on source address mismatch disabling port on source address mismatch D7 D6 D5 D4 D3 D2 D1 D0 res GLME res DSM res MPS GRP SAC Bit RW Symbol Description D0 RW SAC START ADDRESS COMPARISON 0 Do not begin comparision 1 Begin comparison D1 RW GRP GENERATE RANDOM PATTERN This bit controls generating the random pattern on a valid source address mismatch In any event the Hub Manager will be informed on the SA mismatch 0 Generate the random pattern 1 Do not generate the random pattern D2 RW MPS MODIFY PACKET STATUS REGISTER 5 This bit enables modifying the packet status register 5 PSR5 on the 7 management bytes over the management bus 0 Do not modify the PSR5 1 Modify the PSR5 D3 R res RESERVED FOR FUTURE USE For proper operation this bit must be 0 D4 RW DSM DISABLE THE PORT ON A SOURCE ADDRESS MISMATCH 0 Do not disable the port on a valid source address mismatch 1 Disable the port on a valid source address mismatch D5 R res RESERVED FOR FUTURE USE D6 RW GLME GLOBAL LEARN MODE ENABLE (Note) 0 Do not enable the learn mode for all ports 1 Enable the learn mode for all ports D7 R res RESERVED FOR FUTURE USE Reads as a logic 0 Note The GLME is not a status bit Reading this bit indicates what value was last written to it 67 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |