Electronic Components Datasheet Search
  English  ▼

X  

DP83952 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83952
Description  Repeater Interface Controller with Security Features (RIC II)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83952 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP83952 Datasheet HTML 8Page - National Semiconductor (TI) DP83952 Datasheet HTML 9Page - National Semiconductor (TI) DP83952 Datasheet HTML 10Page - National Semiconductor (TI) DP83952 Datasheet HTML 11Page - National Semiconductor (TI) DP83952 Datasheet HTML 12Page - National Semiconductor (TI) DP83952 Datasheet HTML 13Page - National Semiconductor (TI) DP83952 Datasheet HTML 14Page - National Semiconductor (TI) DP83952 Datasheet HTML 15Page - National Semiconductor (TI) DP83952 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
30 Pin Description (Continued)
Pin Name
Driver
IO
Description
Type
PROCESSOR BUS PINS
RA0 – RA4
TT
I
R
EGISTER ADDRESS INPUTS These five pins are used to select a register to be read or
written The state of these inputs are ignored when the read write and mode load input strobes
are high (Even under these conditions these inputs must not be allowed to float to an undefined
logic state)
STR0
C
O
DISPLAY UPDATE STROBE 0
Maximum Display Mode
This signal controls the latching of display data for network ports 1 to
7 into the off chip display latches
Minimum Display Mode
This signal controls the latching of display data for the RIC II into the
off chip display latch
During processor access cycles (read or write is asserted) this signal is inactive (high)
STR1
C
O
DISPLAY UPDATE STROBE 1
Maximum Display Mode
This signal controls the latching of display data for network ports 8 to
13 into the off-chip display latches
Minimum Display Mode
No operation
During processor access cycles (read or write is asserted) this signal is inactive (high)
D0–D7
TT
B Z
D
ATA BUS (Note 1)
Display Update Cycles
These pins become outputs providing display data and port address
information Address information only available in Maximum Display mode
Processor Access Cycles
Data input or output is performed via these pins The read write
and mode load inputs control the direction of the signals
BUFEN
CO
BUF
FER ENABLE This output controls the TRI-STATE operation of the bus transceiver which
provides the interface between the RIC II’s data pins and the processor’s data bus (Note 2)
RDY
C
O
DATA READY STROBE The falling edge of this signal during a read cycle indicates that data is
stable and valid for sampling In write cycles the falling edge of RDY denotes that the write data
has been latched by the RIC II Therefore data must have been available and stable for this
operation to be successful
ELI
CO
E
VENT LOGGING INTERRUPT A low level on the ELI output indicates the RIC II’s hub
management logic requires CPU attention The interrupt is cleared by accessing the Port Event
Recording register or Event Counter that produced it All interrupt sources may be masked
RTI
CO
R
EAL TIME INTERRUPT A low level on the RTI output indicates the RIC II’s real time (packet
specific) interrupt logic requires CPU attention The interrupt is cleared by reading the Real Time
Interrupt Status register All interrupt sources may be masked
CDEC
TT
I
C
OUNTER DECREMENT A rising edge on the CDEC input strobe decrements all of the RIC II’s
Port Event Counters by one This input is internally synchronized and if necessary the operation
of the signal is delayed if there is a simultaneous internally generated counting operation
WR
TT
I
WR
ITE STROBE Strobe from the CPU used to write an internal register defined by the RA0 –
RA4 inputs
RD
TT
I
R
EAD STROBE Strobe from the CPU used to read an internal register defined by the RA0 – RA4
inputs
MLOAD
TT
I
DEVICE RESET AND MODE LOAD When this input is low all of the RIC II’s state machines
counters and network ports are reset and held inactive On the rising edge of MLOAD the logic
levels present on the D0 – 7 pins and RA0 – RA4 inputs are latched into the RIC II’s configuration
registers The rising edge of MLOAD also signals the beginning of the display test operation
Note 1
The data pins remain in their display update function ie asserted as outputs unless either the read or write strobe is asserted
Note 2
The buffer enable output indicates the function of the data pins When it is high they are performing display update cycles when it is low a processor
access or mode load cycle is occurring
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com