Electronic Components Datasheet Search
  English  ▼

X  

DP83952 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83952
Description  Repeater Interface Controller with Security Features (RIC II)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83952 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP83952 Datasheet HTML 45Page - National Semiconductor (TI) DP83952 Datasheet HTML 46Page - National Semiconductor (TI) DP83952 Datasheet HTML 47Page - National Semiconductor (TI) DP83952 Datasheet HTML 48Page - National Semiconductor (TI) DP83952 Datasheet HTML 49Page - National Semiconductor (TI) DP83952 Datasheet HTML 50Page - National Semiconductor (TI) DP83952 Datasheet HTML 51Page - National Semiconductor (TI) DP83952 Datasheet HTML 52Page - National Semiconductor (TI) DP83952 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
70 Port Block Functions (Continued)
73 PORT STATUS REGISTER FUNCTIONS
Each RIC II port has its own status register In addition to
providing status concerning the port and its network seg-
ment the register allows the following operations to be per-
formed upon the port
1 Port Disable
2 Link Disable
3 Partition Reconnection
4 Selection between normal and reduced squelch levels
Note that the link disable and port disable functions are mu-
tually exclusive functions ie disabling link does not affect
receiving and transmitting fromto that port and disabling a
port does not disable link
When a port is disabled packet transmission and reception
between the port’s segment and the rest of the network is
prevented
TLW12499 – 23
FIGURE 7-3 IEEE Segment Partition Algorithm
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com