Electronic Components Datasheet Search
  English  ▼

X  

AD9530 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9530
Description  4 CML Output, Low Jitter Clock Generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9530 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9530 Datasheet HTML 27Page - Analog Devices AD9530 Datasheet HTML 28Page - Analog Devices AD9530 Datasheet HTML 29Page - Analog Devices AD9530 Datasheet HTML 30Page - Analog Devices AD9530 Datasheet HTML 31Page - Analog Devices AD9530 Datasheet HTML 32Page - Analog Devices AD9530 Datasheet HTML 33Page - Analog Devices AD9530 Datasheet HTML 34Page - Analog Devices AD9530 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
Data Sheet
AD9530
Rev. 0 | Page 31 of 41
CONTROL REGISTER MAP DESCRIPTIONS
Table 23 through Table 61 provide detailed descriptions for each of the control register functions. The registers are listed by hexadecimal address.
Bit fields noted as live indicate that the register write takes effect immediately. Bit fields that are not noted as live only take effect after an
IO_UPDATE is issued by writing 0x01 to Register 0x00F.
SPI CONFIGURATION (REGISTER 0x000 AND REGISTER 0x001)
Table 23. Bit Descriptions for SPI_CONFIGA (Default: 0x00)
Bits
Bit Name
Settings
Description
Reset
Access
7
SOFT_RESET
Master SPI reset. Setting this self clearing bit to 1 resets the AD9530.
This bit is live.
0b
W
6
LSB_FIRST
Selects SPI LSB first mode. This bit is live.
0b
RW
0
MSB first SPI access.
1
LSB first SPI access.
5
ADDRESS_ASCEND
Selects SPI address ascend mode. This bit is live.
0b
RW
0
SPI streaming mode addresses decrement (default).
1
SPI streaming mode addresses increment.
[4:3]
SDO_ACTIVE
Selects SPI 4-pin mode, which enables the SDO pin. This bit is live.
0b
RW
0
SPI 3-pin mode. The SDIO pin is bidirectional (default).
1
SPI 4-pin mode. The SDI and SDO pins are unidirectional.
2
ADDRESS_ASCEND
Selects SPI address ascend mode. This bit is live.
0b
RW
0
SPI streaming mode addresses decrement (default).
1
SPI streaming mode addresses increment.
1
LSB_FIRST
Selects SPI LSB first mode. This bit is live.
0b
RW
0
MSB first SPI access (default).
1
LSB first SPI access.
0
SOFT_RESET
Master SPI reset. Setting this self clearing bit to 1 resets the AD9530.
This bit is live.
0b
W
Table 24. Bit Descriptions for SPI_CONFIGB (Default: 0x00)
Bits
Bit Name
Settings
Description
Reset
Access
7
SINGLE_INSTRUCTION
Single instruction mode. This bit is live.
0b
RW
0
SPI streaming mode (default).
1
SPI single instruction mode.
6
RESERVED
0
When writing to Register 0x001, this bit must be 0b.
0b
W
5
READ_BUFFER
For buffered registers, this bit controls whether the value read from
the serial port is from the actual (active) registers or the buffered copy.
0b
RW
0
Reads values currently applied to the internal logic of the device (default).
1
Reads buffered values that take effect on the next assertion of
IO_UPDATE.
[4:3]
RESERVED
00
When writing to Register 0x001, these bits must be 00b.
00b
W
2
CALIBRATE VCO
VCO calibration. Setting this self clearing bit performs a VCO
calibration, which must be performed at startup as well as any time
the VCO frequency is changed. A VCO calibration also automatically
performs a divider reset (Bit 1 in this register). This bit is live.
0b
W
1
DIVIDER_RESET
Divider reset. Writing a 1 to this self clearing register stalls the outputs,
reset all dividers, and reenable the outputs. A divider reset must be
performed any time the divider values are changed. Note that if the
divider value change results in a different VCO frequency, the
CALIBRATE VCO bit (Bit 2 in this register) must be used instead.
This bit is live.
0b
W
0
RESERVED
0
When writing to Register 0x001, this bit must be 0b.
0
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com