Electronic Components Datasheet Search
  English  ▼

X  

AD9530 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9530
Description  4 CML Output, Low Jitter Clock Generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9530 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9530 Datasheet HTML 22Page - Analog Devices AD9530 Datasheet HTML 23Page - Analog Devices AD9530 Datasheet HTML 24Page - Analog Devices AD9530 Datasheet HTML 25Page - Analog Devices AD9530 Datasheet HTML 26Page - Analog Devices AD9530 Datasheet HTML 27Page - Analog Devices AD9530 Datasheet HTML 28Page - Analog Devices AD9530 Datasheet HTML 29Page - Analog Devices AD9530 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
AD9530
Data Sheet
Rev. 0 | Page 26 of 41
POWER DISSIPATION AND THERMAL CONSIDERATIONS
The AD9530 is a multifunctional, high speed device that targets
a wide variety of clock applications. The numerous innovative
features contained in the device each consume incremental power.
If all outputs are enabled in the maximum frequency and mode
that have the highest power, the safe thermal operating conditions
of the device may be exceeded. Careful analysis and consideration
of power dissipation and thermal management are critical
elements in the successful application of the AD9530.
The AD9530 is specified to operate within the industrial
temperature range of –40°C to +85°C. This specification is
conditional, such that the absolute maximum junction
temperature is not exceeded (as specified in Table 14). At
high operating temperatures, extreme care must be taken
when operating the device to avoid exceeding the junction
temperature and potentially damaging the device.
Many variables contribute to the operating junction temperature
within the device, including
•
Selected driver mode of operation
•
Output clock speed
•
Supply voltage
•
Ambient temperature
The combination of these variables determines the junction
temperature within the AD9530 for a given set of operating
conditions.
The AD9530 is specified for an ambient temperature (TA). To
ensure that TA is not exceeded, use an airflow source.
Use the following equation to determine the junction
temperature on the application PCB:
TJ = TCASE + (ΨJT × PD)
where:
TJ is the junction temperature (°C).
TCASE is the case temperature (°C) measured at the top center of
the package.
ΨJT is the value from Table 14.
PD is the power dissipation of the AD9530.
Values of θJA are provided for package comparison and PCB
design considerations. θJA can be used for a first-order
approximation of TJ by the equation
TJ = TA + (θJA × PD)
where TA is the ambient temperature (°C).
Values of θJC are provided for package comparison and PCB
design considerations when an external heat sink is required.
Values of ΨJB are provided for package comparison and PCB
design considerations.
CLOCK SPEED AND DRIVER MODE
Clock speed directly and linearly influences the total power
dissipation of the device and, therefore, the junction temperature.
Table 3 lists the currents required by the driver for a single
output frequency. If using the current vs. frequency graphs
provided in the Typical Performance Characteristics section,
subtract the power into the load using the following equation:
PLOAD = (Differential Output Voltage Swing2/50 Ω)
EVALUATION OF OPERATING CONDITIONS
The first step in evaluating the operating conditions is to
determine the AD9530 maximum power consumption for the
user configuration by referring to the values in Table 2. The
maximum PD excludes power dissipated in the load resistors of
the drivers because such power is external to the device. Use the
current dissipation specifications listed in Table 2, as well as the
power dissipation numbers in Table 3 to calculate the total
power dissipated for the desired configuration.
The second step in evaluating the operating conditions is to
multiply the power dissipated by the thermal impedance to
determine the maximum power gradient. For this example, a
thermal impedance of θJA = 21.1°C/W is used.
Example 1
Example 1 is as follows:
(1358 mW × 21.1°C/W) = 29°C
With an ambient temperature of 85°C, the junction temperature is
TJ = 85°C + 29°C = 114°C
This junction temperature is below the maximum allowable
temperature.
Example 2
Example 2 is as follows:
(1630 mW × 21.1°C/W) = 34°C
With an ambient temperature of 85°C, the junction temperature is
TJ = 85°C + 34°C = 119°C
This junction temperature is greater than the maximum allowable
temperature. The ambient temperature must be lowered by 4°C
to operate in the condition of Example 2.
THERMALLY ENHANCED PACKAGE MOUNTING
GUIDELINES
See the AN-772 Application Note, A Design and Manufacturing
Guide for the Lead Frame Chip Scale Package (LFCSP), for more
information about mounting devices with an exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com