Electronic Components Datasheet Search
  English  ▼

X  

AD9530 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9530
Description  4 CML Output, Low Jitter Clock Generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9530 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9530 Datasheet HTML 33Page - Analog Devices AD9530 Datasheet HTML 34Page - Analog Devices AD9530 Datasheet HTML 35Page - Analog Devices AD9530 Datasheet HTML 36Page - Analog Devices AD9530 Datasheet HTML 37Page - Analog Devices AD9530 Datasheet HTML 38Page - Analog Devices AD9530 Datasheet HTML 39Page - Analog Devices AD9530 Datasheet HTML 40Page - Analog Devices AD9530 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
AD9530
Data Sheet
Rev. 0 | Page 38 of 41
Table 50. Bit Descriptions for PLL_LOCKDET_READBACK2 (Read Only; No Default Value)
Bits
Bit Name
Settings
Description
Default
Access
[7:5]
RESERVED
000b
When writing to Register 0x01F, these bits must be 000b.
000b
R
4
PLL_LOCK_DET_DONE
PLL lock detect measurement done.
Varies
R
3
PLL_LOCK_DET_RANGE
PLL lock detect error range.
Varies
R
0
The read back error is expressed in ppb (parts per billion).
1
The read back error is expressed in ppm (parts per million).
2
PLL_LOCKED
PLL lock detect status readback.
Varies
R
0
PLL unlocked.
1
PLL locked.
[1:0]
PLL_LOCK_DET_ERROR,
Bits[9:8]
PLL lock detect error, Bits[9:8]. These read only register bits, along
with Bits[7:0] Register 0x01E, form a 10-bit number that allows the
user to read back the magnitude of the frequency error at the phase
frequency detector. Bit 3 in Register 0x01F indicates whether the
phase error measurement is in parts per million (ppm) or parts per
billion (ppb).
Varies
R
M1, M2, M3 DIVIDERS (REGISTER 0x020 AND REGISTER 0x022)
Table 51. Bit Descriptions for M1_DIVIDER (Default 0x16)
Bits
Bit Name
Settings
Description
Default
Access
[7:5]
RESERVED
000b
When writing to Register 0x020, these bits must be 000b.
000b
W
[4:3]
M1_DIVIDER
These bits control the divide ratio for the M1 divider that feeds the
D1 and D2 dividers.
10b
RW
00
Divide by 2.
01
Divide by 2.5.
10
Divide by 3 (default).
11
Divide by 3.5.
2
M1_LDO_EN
M1 divider enable LDO.
1b
RW
0
Disabled.
1
Enabled (default).
1
M1_EN
M1 divider enable.
1b
RW
0
Disabled.
1
Enabled (default).
0
M1_DIVIDER_RESET
Setting this (self clearing) bit resets the M1 divider. This bit is live,
meaning IO_UPDATE is not needed for it to take effect.
0b
W
Table 52. Bit Descriptions for M2_DIVIDER (Default: 0x16)
Bits
Bit Name
Settings
Description
Default
Access
[7:5]
RESERVED
000b
When writing to Register 0x021, these bits must be 000b.
000b
W
[4:3]
M2_DIVIDER
These bits control the divide ratio for the M2 divider that feeds the
D3 and D4 dividers.
10b
RW
00
Divide by 2.
01
Divide by 2.5.
10
Divide by 3 (default).
11
Divide by 3.5
2
M2_LDO_EN
M2 divider enable LDO.
1b
RW
0
Disabled.
1
Enabled (default).
1
M2_EN
M2 divider enable.
1b
RW
0
Disabled.
1
Enabled.
0
M2_DIVIDER_RESET
Setting this (self clearing) bit resets the M2 divider. This bit is live,
meaning IO_UPDATE is not needed for it to take effect.
0b
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com