Electronic Components Datasheet Search
  English  ▼

X  

AD9530 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9530
Description  4 CML Output, Low Jitter Clock Generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9530 Datasheet(HTML) 5 Page - Analog Devices

  AD9530 Datasheet HTML 1Page - Analog Devices AD9530 Datasheet HTML 2Page - Analog Devices AD9530 Datasheet HTML 3Page - Analog Devices AD9530 Datasheet HTML 4Page - Analog Devices AD9530 Datasheet HTML 5Page - Analog Devices AD9530 Datasheet HTML 6Page - Analog Devices AD9530 Datasheet HTML 7Page - Analog Devices AD9530 Datasheet HTML 8Page - Analog Devices AD9530 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
Data Sheet
AD9530
Rev. 0 | Page 5 of 41
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CURRENT DELTAS, INDIVIDUAL FUNCTIONS
Current delta when a function is enabled/disabled
from Typical Operation 1
VCO High Performance Mode Enabled
133.5
160.0
mA
Current increase when the VCO mode is changed
from low power mode to high performance mode;
combined current delta of Pin 20 to Pin 23
REFx/REFx Receiver1
2.5
3.3
mA
Current increase when REFB is enabled with a
110.42 MHz reference input; combined current
delta of Pin 3 and Pin 7
Reference Divider
−0.55
−0.39
mA
Delta from bypassing reference divider to using
reference divider = 2; total feedback division
doubled to preserve lock; combined current delta
of Pin 3 and Pin 7
Output Channel
28.4
33.3
mA
One output channel enabled by powering up
M2 divider = 3; D3 and D4 divider = 1; OUT3 and
OUT4 enabled to 800 mV; no internal termination;
associated low-dropout regulators (LDOs)
enabled; includes the current required by the
external termination; both outputs at 1766.72 MHz
Mx Divider On/Off
33.2
36.2
mA
This is the current consumption delta between
an Mx (where x is 0, 1, or 2) divider powered up
and powered down; these dividers are a part of
the RTWO VDD (Pin 20 to Pin 23) power domain
Single Output Plus Associated Channel Divider
(OUT1: Pin 31, OUT2: Pin 35, OUT3: Pin 41,
OUT4: Pin 45)
28.4
33.4
mA
One output driver enabled by powering up the
driver and channel divider (does not include
power on the extra M2 divider); includes the
current required by the external termination;
output = 1766.72 MHz
1 Where x is either A or B.
POWER DISSIPATION SPECIFICATIONS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TOTAL POWER DISSIPATION
Does not include power dissipated in external resistors;
all CML outputs terminated with 50 Ω to VDD; internal
output termination is disabled; output amplitude set
to 1.0 V; reference inputs set to ac-coupled mode
Power-On Default
2.284
2.750
W
Power-Down Mode
0.338
0.480
W
Typical Operation 2
2.344
2.82
W
fRTWO = 5302.5 MHz; VCO mode = high performance;
REFA enabled at 101 MHz, ac-coupled; REFB disabled;
R divider = 1; M1 divider and M3 divider = 2.5;
PFD = 101 MHz; OUT1 and OUT2 CML outputs at
2121 MHz; OUT3 and OUT4 disabled; output swing
level = 800 mV; outputs terminated externally to 50 Ω
to VDD and internal termination disabled; M2 divider
and LDO powered down; D3 and D4 dividers and
associated LDOs disabled
All Blocks Running
fRTWO = 5400 MHz; VCO mode = high performance;
REFA and REFB enabled at 100 MHz; ac-coupled mode;
R divider = 1; M divider = 2; PFD = 100 MHz; four CML
outputs at 2700 MHz
800 mV Output Swing, Without
Internal Output Termination
2.536
3.02
W
Single-ended output swing level = 800 mV and
internal termination off
1100 mV Output Swing with Internal
Output Termination
2.796
3.326
W
Single-ended output swing level = 1100 mV and
internal termination on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com