Electronic Components Datasheet Search
  English  ▼

X  

AD9530 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9530
Description  4 CML Output, Low Jitter Clock Generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9530 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9530 Datasheet HTML 33Page - Analog Devices AD9530 Datasheet HTML 34Page - Analog Devices AD9530 Datasheet HTML 35Page - Analog Devices AD9530 Datasheet HTML 36Page - Analog Devices AD9530 Datasheet HTML 37Page - Analog Devices AD9530 Datasheet HTML 38Page - Analog Devices AD9530 Datasheet HTML 39Page - Analog Devices AD9530 Datasheet HTML 40Page - Analog Devices AD9530 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
Data Sheet
AD9530
Rev. 0 | Page 37 of 41
Bits
Bit Name
Settings
Description
Default
Access
2
OUT4_LDO_EN
Output 4 enable LDO.
1b
RW
0
Disabled.
1
Enabled (default).
1
OUT4_EN
Output 4 enable.
0b
RW
0
Disabled (default).
1
Enabled.
0
OUT4_DIVIDER_RESET
Setting this (self clearing) bit resets the Output 4 divider. This bit is
live, meaning IO_UPDATE is not needed for it to take effect.
0b
W
VCO POWER (REGISTER 0x01C)
Table 47. Bit Descriptions for VCO_POWER (Default: 0x01)
Bits
Bit Name
Settings
Description
Default
Access
[7:2]
RESERVED
000000b
When writing to Register 0x01C, these bits must be 00b
000000b
W
1
VCO_LDO_WAIT_OVERRIDE
VCO LDO wait state override
0b
RW
0
Wait 2 sec on startup for VCO LDO stability (default)
1
Do not wait for VCO LDO stability
0
VCO_POWER
VCO power mode
1b
RW
0
Low power mode
1
High power mode (lower jitter) (default)
PLL LOCK DETECT CONTROL (REGISTER 0x01D)
Table 48. Bit Descriptions for PLL_LOCKDET_CONTROL (Default: 0x0C)
Bits
Bit Name
Settings
Description
Default
Access
[7:5]
RESERVED
000b
When writing to Register 0x01D, these bits must be 000b.
000b
W
4
PLL_LOCK_DET_START
PLL lock detect start measurement. This live bit enables the
lock detector.
0b
RW
0
PLL lock detector disabled (default).
1
PLL lock detector enabled.
[3:1]
PLL_LOCK_DET_ERR_
THRESHOLD, Bits[2:0]
000b to
111b
PLL lock detect frequency error threshold (ppb is parts per
billion and ppm is parts per million).The frequency accuracy of
the lock detector is ±25% of the lock detect setting. For example,
for the 15 ppb setting, the actual accuracy of the lock detector
is 11 ppb to 19 ppb.
010b
RW
000b
Threshold: ±15 ppb. Update interval: 670 ms.
001b
Threshold: ±60 ppb. Update interval: 170 ms.
010b
Threshold: ±238 ppb. Update interval: 42 ms (default).
011b
Threshold: ±954 ppb. Update interval: 10 ms.
100b
Threshold: ±3.8 ppm. Update interval: 2.6 ms.
101b
Threshold: ±15 ppm. Update interval: 660 µs.
110b
Threshold: ±61 ppm. Update interval: 160 µs.
111b
Threshold: ±244 ppm. Update interval: 41 µs.
0
PLL_LOCK_DET_RESET
PLL lock detect disable.
0b
RW
0
PLL lock detector enabled (default).
1
PLL lock detector disabled.
PLL LOCK DETECT READBACK (REGISTER 0x01E AND REGISTER 0x01F)
Table 49. Bit Descriptions for PLL_LOCKDET_READBACK1 (Read Only; No Default Value)
Bits
Bit Name
Settings
Description
Default
Access
[7:0]
PLL_LOCK_DET_ERROR,
Bits[7:0]
PLL lock detect error, Bits[7:0]. This read only register, along with Bits[1:0]
of Register 0x01F, form a 10-bit number that allows the user to read back
the magnitude of the frequency error at the phase frequency detector.
Bit 3 in Register 0x01F indicates whether the phase error measurement is
in parts per million (ppm) or parts per billion (ppb).
Varies
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com