Electronic Components Datasheet Search
  English  ▼

X  

AD9530 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9530
Description  4 CML Output, Low Jitter Clock Generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9530 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9530 Datasheet HTML 23Page - Analog Devices AD9530 Datasheet HTML 24Page - Analog Devices AD9530 Datasheet HTML 25Page - Analog Devices AD9530 Datasheet HTML 26Page - Analog Devices AD9530 Datasheet HTML 27Page - Analog Devices AD9530 Datasheet HTML 28Page - Analog Devices AD9530 Datasheet HTML 29Page - Analog Devices AD9530 Datasheet HTML 30Page - Analog Devices AD9530 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
Data Sheet
AD9530
Rev. 0 | Page 27 of 41
APPLICATIONS INFORMATION
POWER SUPPLY RECOMMENDATIONS
The AD9530 only requires 2.5 V for operation, but proper isolation
between power domains is beneficial for performance. Figure 31
shows the recommended Analog Devices power solutions for
the best possible performance of the AD9530. These devices are
also featured on the evaluation board.
ADM7154
LDO
2.5V: VDD OUT
AND VDD REF
(PIN 3, PIN 7, PIN 31,
PIN 35, PIN 41, PIN 45)
ADP151
LDO
2.5V: VDD DIGITAL
(PIN 12)
ADP7158
(RECOMMENDED)
OR
ADP1741
LDO
ADP2386
BUCK
REGULATOR
2.5V: VDD RTWO
(PINS 20 TO 23)
6V
INPUT
3.4V
Figure 31. Power Supply Recommendation
USING THE AD9530 OUTPUTS FOR ADC CLOCK
APPLICATIONS
Any high speed ADC is extremely sensitive to the quality of the
sampling clock of the AD9530. An ADC can be thought of as a
sampling mixer, and any noise, distortion, or time jitter on the
clock is combined with the desired signal at the analog-to-digital
output. Clock integrity requirements scale with the analog input
frequency and resolution, with higher analog input frequency
applications at ≥14-bit resolution being the most stringent. The
theoretical SNR of an ADC is limited by the ADC resolution and
the jitter on the sampling clock. Considering an ideal ADC of
infinite resolution, where the step size and quantization error
can be ignored, the available SNR can be expressed
approximately by
J
At
f
SNR
2
1
log
20
(dB)
where:
fA is the highest analog frequency being digitized.
tJ is the rms jitter on the sampling clock.
Figure 32 shows the required sampling clock jitter as a function
of the analog frequency and effective number of bits (ENOB).
fA (MHz)
10
1k
100
30
40
50
60
70
80
90
100
110
6
8
10
12
14
16
18
t
J
= 100
fs
t
J
= 200
fs
t
J
= 400
fs
t
J
= 1p
s
t
J
= 2p
s
t
J
= 10p
s
SNR = 20log
1
2
πfAtJ
Figure 32. SNR and ENOB vs. Analog Input Frequency (fA)
For more information, see the AN-756 Application Note,
Sampled Systems and the Effects of Clock Phase Noise and Jitter,
and the AN-501 Application Note, Aperture Uncertainty and
ADC System Performance.
Many high performance ADCs feature differential clock inputs
to simplify the task of providing the required low jitter clock on
a noisy PCB. Distributing a single-ended clock on a noisy PCB can
result in coupled noise on the sampling clock. Differential
distribution has inherent common-mode rejection that can
provide superior clock performance in a noisy environment.
The differential CML outputs of the AD9530 enable clock
solutions that maximize converter SNR performance.
Consider the input requirements of the ADC (differential or single-
ended, logic level termination) when selecting the best clocking/
converter solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com