Electronic Components Datasheet Search
  English  ▼

X  

AD9530 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9530
Description  4 CML Output, Low Jitter Clock Generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9530 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9530 Datasheet HTML 4Page - Analog Devices AD9530 Datasheet HTML 5Page - Analog Devices AD9530 Datasheet HTML 6Page - Analog Devices AD9530 Datasheet HTML 7Page - Analog Devices AD9530 Datasheet HTML 8Page - Analog Devices AD9530 Datasheet HTML 9Page - Analog Devices AD9530 Datasheet HTML 10Page - Analog Devices AD9530 Datasheet HTML 11Page - Analog Devices AD9530 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
AD9530
Data Sheet
Rev. 0 | Page 8 of 41
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
900 mV
All outputs are externally terminated with 50 Ω to VDD
Output Frequency
5.725
2700
MHz
Rise Time/Fall Time (20% to 80%)
77
98
ps
Duty Cycle
47
53
%
Any Mx divider, output divider ≠ 1
48
51
54
%
Mx divider = 2, output divider = 1
45
51
57
%
Mx divider = 2.5, output divider = 1
49
51
53
%
Mx divider = 3, output divider = 1
Output Differential Voltage, Magnitude
675
950
1340
mV
Voltage difference between the output pins; output driver is
static; in normal operation, the peak-to-peak amplitude is
approximately 2× this value if measured with a differential probe
Common-Mode Output Voltage
1.76
2.03
2.29
V
Measured with output driver static
1000 mV
All outputs are externally terminated with 50 Ω to VDD
Output Frequency
5.725
2700
MHz
Rise Time/Fall Time (20% to 80%)
76
105
ps
Duty Cycle
47
53
%
Any Mx divider, output divider ≠ 1
48
51
54
%
Mx divider = 2, output divider = 1
45
51
57
%
Mx divider = 2.5, output divider = 1
49
51
52
%
Mx divider = 3, output divider = 1
Output Differential Voltage, Magnitude
730
1040
1340
mV
Voltage difference between the output pins; output driver is
static; in normal operation, the peak-to-peak amplitude is
approximately 2× this value if measured with a differential probe
Common-Mode Output Voltage
1.69
1.97
2.25
V
1100 mV
All outputs are externally terminated with 50 Ω to VDD
Output Frequency
5.725
2700
MHz
Rise Time/Fall Time (20% to 80%)
76
104
ps
Duty Cycle
47
53
%
Any Mx divider, output divider ≠ 1
48
51
54
%
Mx divider = 2, output divider = 1
45
51
57
%
Mx divider = 2.5, output divider = 1
49
50
52
%
Mx divider = 3, output divider = 1
Output Differential Voltage, Magnitude
815
1140
1480
mV
Voltage difference between the output pins; output driver is
static; in normal operation, the peak-to-peak amplitude is
approximately 2× this value if measured with a differential probe
Common-Mode Output Voltage
1.61
1.92
2.22
V
Measured with output driver static
CLOCK OUTPUTS (INTERNAL TERMINATION ENABLED) SPECIFICATIONS
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CML MODE
All outputs are externally terminated with 50 Ω to VDD
800 mV
Output Frequency
5.725
2700
MHz
Rise Time/Fall Time (20% to 80%)
55
75
ps
Duty Cycle
47
53
%
Any Mx divider, output divider ≠ 1
48
52
56
%
Mx divider = 2, output divider = 1
43
51
60
%
Mx divider = 2.5, output divider = 1
48
51
53
%
Mx divider = 3, output divider = 1
Output Differential Voltage, Magnitude
590
830
1070
mV
Voltage difference between the output pins; output driver is
static; in normal operation, the peak-to-peak amplitude is
approximately 2× this value if measured with a differential probe
Common-Mode Output Voltage
1.9
2.08
2.26
V
Measured with output driver static



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com