Electronic Components Datasheet Search
  English  ▼

X  

AD9530 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9530
Description  4 CML Output, Low Jitter Clock Generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9530 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9530 Datasheet HTML 6Page - Analog Devices AD9530 Datasheet HTML 7Page - Analog Devices AD9530 Datasheet HTML 8Page - Analog Devices AD9530 Datasheet HTML 9Page - Analog Devices AD9530 Datasheet HTML 10Page - Analog Devices AD9530 Datasheet HTML 11Page - Analog Devices AD9530 Datasheet HTML 12Page - Analog Devices AD9530 Datasheet HTML 13Page - Analog Devices AD9530 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
AD9530
Data Sheet
Rev. 0 | Page 10 of 41
CLOCK OUTPUT ABSOLUTE TIME JITTER (HIGH LOOP BANDWIDTH) SPECIFICATIONS
Table 10.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CML OUTPUT ABSOLUTE TIME JITTER
93
fs rms
REFA enabled and ac-coupled; R divider = 1; Mx divider value = 2; loop
bandwidth = 80 kHz; output divider bypassed; single-ended output
swing level = 1000 mV; no internal termination; VCO in high power
mode; reference frequency = 860 MHz; output frequency = 2.58 GHz;
integration bandwidth = 12 kHz to 20 MHz; absolute jitter value also
depends on the noise of the input clock in the 12 kHz to 80 kHz range
RESET AND REF_SEL PINS SPECIFICATIONS
Table 11.
Parameter
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Voltage
Logic 1
VDD − 0.5
VDD
V
Logic 0
0.5
V
Current
Logic 1
1
µA
Logic 0
36
µA
Capacitance
3
pF
RESET TIMING
Pulse Width Low
100
ns
RESET Inactive to Start of Register Programming
50
ms
LD PIN SPECIFICATIONS
Table 12.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT CHARACTERISTICS
1 mA output load
Output Voltage
High
VOH
VDD − 0.5
V
Low
VOL
0.5
V
SERIAL CONTROL PORT SPECIFICATIONS
Table 13.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
CS (INPUT)
CS has an internal 75 kΩ pull-up resistor
Input Voltage
Logic 1
VDD − 0.4
V
Logic 0
0.4
V
Input Current
Logic 1
1
µA
Logic 0
32
µA
Input Capacitance
3
pF
SCLK (INPUT)
SCLK has an internal 75 kΩ pull-down resistor
Input Voltage
Logic 1
VDD − 0.4
V
Logic 0
0.4
V
Input Current
Logic 1
45
µA
Logic 0
1
µA
Input Capacitance
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com