Electronic Components Datasheet Search
  English  ▼

X  

AD9530 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9530
Description  4 CML Output, Low Jitter Clock Generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9530 Datasheet(HTML) 1 Page - Analog Devices

  AD9530 Datasheet HTML 1Page - Analog Devices AD9530 Datasheet HTML 2Page - Analog Devices AD9530 Datasheet HTML 3Page - Analog Devices AD9530 Datasheet HTML 4Page - Analog Devices AD9530 Datasheet HTML 5Page - Analog Devices AD9530 Datasheet HTML 6Page - Analog Devices AD9530 Datasheet HTML 7Page - Analog Devices AD9530 Datasheet HTML 8Page - Analog Devices AD9530 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
4 CML Output, Low Jitter Clock Generator
with an Integrated 5.4 GHz VCO
Data Sheet
AD9530
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevices for itsuse,nor foranyinfringementsofpatentsor other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fully integrated, ultralow noise phase-locked loop (PLL)
4 differential, 2.7 GHz common-mode logic (CML) outputs
2 differential reference inputs with programmable internal
termination options
<232 fs rms absolute jitter (12 kHz to 20 MHz) with a non-
ideal reference and 8 kHz loop bandwidth
<100 fs rms absolute jitter (12 kHz to 20 MHz) with an 80 kHz
loop bandwidth and low jitter input reference clock
Supports low loop bandwidths for jitter attenuation
Manual switchover
Single 2.5 V typical supply voltage
48-lead, 7 mm × 7 mm LFCSP
APPLICATIONS
40 Gbps/100 Gbps optical transport network (OTN) line side
clocking
Clocking of high speed analog-to-digital converters (ADCs)
and digital-to-analog converters (DACs)
Data communications
GENERAL DESCRIPTION
The AD9530 is a fully integrated PLL and distribution supporting,
clock cleanup, and frequency translation device for 40 Gbps/
100 Gbps OTN applications. The internal PLL can lock to one
of two reference frequencies to generate four discrete output
frequencies up to 2.7 GHz.
The AD9530 features an internal 5.11 GHz to 5.4 GHz, ultralow
noise voltage controlled oscillator (VCO). All four outputs are
individually divided down from the internal VCO using two high
speed VCO dividers (the Mx dividers) and four individual 8-bit
channel dividers (the Dx dividers). The high speed VCO dividers
offer fixed divisions of 2, 2.5, 3, and 3.5 for wide coverage of
possible output frequencies. The AD9530 is configurable for
loop bandwidths <15 kHz to attenuate reference noise.
The AD9530 is available in a 48-lead LFCSP and operates from a
single 2.5 V typical supply voltage.
The AD9530 operates over the extended industrial temperature
range of −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
REFB
PLL
R DIVIDER
(1 TO 255)
M1 DIVIDER
÷2, ÷2.5, ÷3, ÷3.5
M2 DIVIDER
÷2, ÷2.5, ÷3, ÷3.5
SERIAL PORT AND
CONTROL LOGIC
AD9530
REFA
SDIO
REFA
REFB
REF_SEL
OUT1
OUT1
OUT2
OUT2
OUT3
OUT3
OUT4
OUT4
D1 DIVIDER
(1 TO 255)
D2 DIVIDER
(1 TO 255)
D3 DIVIDER
(1 TO 255)
D4 DIVIDER
(1 TO 255)
SDO SCLK
LD
CML 50Ω SOURCE TERMINATED
2.7GHz MAX
800MHz MAX
CS
Figure 1.


Similar Part No. - AD9530

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9531 AD-AD9531 Datasheet
1Mb / 88P
3-Channel Clock Generator, 24 Outputs
REV. 0
More results

Similar Description - AD9530

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002 Datasheet
865Kb / 34P
Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001_10 Datasheet
765Kb / 35P
One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
One Output, Integrated VCO, Low-Jitter Clock Generator
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
Low Jitter Clock Generator
9/15-Rev. B to Rev. C
logo
Skyworks Solutions Inc.
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com