Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 104 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 104 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 100Page - Analog Devices AD9554BCPZ Datasheet HTML 101Page - Analog Devices AD9554BCPZ Datasheet HTML 102Page - Analog Devices AD9554BCPZ Datasheet HTML 103Page - Analog Devices AD9554BCPZ Datasheet HTML 104Page - Analog Devices AD9554BCPZ Datasheet HTML 105Page - Analog Devices AD9554BCPZ Datasheet HTML 106Page - Analog Devices AD9554BCPZ Datasheet HTML 107Page - Analog Devices AD9554BCPZ Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 104 of 116
PLL_1 READ ONLY STATUS (REGISTER 0x0D40 TO REGISTER 0x0D4A)
These registers mimic the PLL_0 control registers (Register 0x0D20 through Register 0x0D2A) but the register addresses are offset by
0x0020. All default values are identical. All bits in Register 0x0D40 to Register 0x0D4A are read only. To report the latest status, these bits
require an IO_UPDATE (Register 0x000F = 0x01) immediately before being read.
PLL_2 READ ONLY STATUS (REGISTER 0x0D60 TO REGISTER 0x0D6A)
These registers mimic the PLL_0 control registers (Register 0x0D20 through Register 0x0D2A) but the register addresses are offset by
0x0040. All bits in Register 0x0D60 to Register 0x0D6A are read only. To report the latest status, these bits require an IO_UPDATE
(Register 0x000F = 0x01) immediately before being read.
PLL_3 READ ONLY STATUS (REGISTER 0x0D80 TO REGISTER 0x0D8A)
These registers mimic the PLL_0 control registers (Register 0x0D20 through Register 0x0D2A) but the register addresses are offset by
0x0060. All bits in Register 0x0D40 to Register 0x0D4A are read only. To report the latest status, these bits require an IO_UPDATE
(Register 0x000F = 0x01) immediately before being read.
EEPROM CONTROL (REGISTER 0x0E00 TO REGISTER 0x0E03)
Table 128. Nonvolatile Memory (EEPROM) Control
Address
Bits
Bit Name
Description
0x0E00
[7:2]
Reserved
Reserved
1
Enable I2C fast mode
Sets the speed of the external I2C EEPROM interface.
0 (default) = 100 kHz.
1 = 400 kHz.
0
Write enable
EEPROM write enable.
0 (default) = EEPROM write disabled.
1 = EEPROM write enabled. Note that the external EEPROM may have its own write
protect mechanism that is not controlled by this bit.
0x0E01
[7:4]
Reserved
Reserved.
[3:0]
Conditional value
When set to a nonzero value, it establishes the condition for EEPROM downloads.
The default value is 0. A value of 0 indicates that the power-up/reset condition is
used. Any nonzero value overrides this condition.
0x0E02
[7:1]
Reserved
Reserved.
0
Save to EEPROM
Uploads data to the EEPROM (see the EEPROM Storage Sequence (Register 0x0E10
to Register 0x0E61) section for more information). This bit is autoclearing.
0x0E03
[7:1]
Reserved
Reserved.
0
Load from EPROM
Downloads data from the EEPROM. This bit is autoclearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com