Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 106 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 106 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 102Page - Analog Devices AD9554BCPZ Datasheet HTML 103Page - Analog Devices AD9554BCPZ Datasheet HTML 104Page - Analog Devices AD9554BCPZ Datasheet HTML 105Page - Analog Devices AD9554BCPZ Datasheet HTML 106Page - Analog Devices AD9554BCPZ Datasheet HTML 107Page - Analog Devices AD9554BCPZ Datasheet HTML 108Page - Analog Devices AD9554BCPZ Datasheet HTML 109Page - Analog Devices AD9554BCPZ Datasheet HTML 110Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 106 of 116
Address
Bits
Bit Name
Description
0x0E1F
[7:0]
REFB
The default value of this register is 0x1E, which is a data instruction. Its decimal value is 30, which
tells the controller to transfer 31 bytes of data (30 + 1), beginning at the address specified by the
next two bytes. The controller stores 0x1E in the EEPROM and increments the EEPROM address
pointer.
0x0E20
[7:0]
The default value of these two registers is 0x0320. This is the starting address of an EEPROM data
transfer because the previous register contains a data instruction that specifies the number of
bytes (minus one) to transfer. The controller stores 0x0320 in the EEPROM and increments the
EEPROM pointer by 2. It then transfers 31 bytes from the register map (beginning at Address 0x0320) to
the external EEPROM and increments the EEPROM address pointer by 31. The 31 bytes transferred
are the REFB parameters in the register map.
0x0E21
[7:0]
0x0E22
[7:0]
REFC
The default value of this register is 0x1E, which is a data instruction. Its decimal value is 30, which
tells the controller to transfer 31 bytes of data (30 + 1), beginning at the address specified by the
next two bytes. The controller stores 0x1A in the EEPROM and increments the EEPROM address
pointer.
0x0E23
[7:0]
The default value of these two registers is 0x0340. This is the starting address of an EEPROM data
transfer because the previous register contains a data instruction that specifies the number of
bytes (minus one) to transfer. The controller stores 0x0340 in the EEPROM and increments the
EEPROM pointer by 2. It then transfers 31 bytes from the register map (beginning at Address 0x0340) to
the external EEPROM and increments the EEPROM address pointer by 31. The 31 bytes transferred
are the REFC parameters in the register map.
0x0E24
[7:0]
0x0E25
[7:0]
REFD
The default value of this register is 0x1E, which is a data instruction. Its decimal value is 30, which
tells the controller to transfer 31 bytes of data (30 + 1), beginning at the address specified by the
next two bytes. The controller stores 0x1A in the EEPROM and increments the EEPROM address
pointer.
0x0E26
[7:0]
The default value of these two registers is 0x0360. This is the starting address of an EEPROM data
transfer because the previous register contains a data instruction that specifies the number of
bytes (minus one) to transfer. The controller stores 0x0360 in the EEPROM and increments the
EEPROM pointer by 2. It then transfers 31 bytes from the register map (beginning at
Address 0x0360) to the external EEPROM and increments the EEPROM address pointer by 31. The
31 bytes transferred are the REFD parameters in the register map.
0x0E27
[7:0]
Table 132. EEPROM Storage Sequence for DPLL_0 General Settings
Address
Bits
Bit Name
Description
0x0E28
[7:0]
DPLL_0 general
settings
The default value of this register is 0x1E, which the controller interprets as a data instruction. Its
decimal value is 30, which tells the controller to transfer 31 bytes of data (30 + 1), beginning at the
address specified by the next two bytes. The controller stores 0x1E in the EEPROM and increments
the EEPROM address pointer.
0x0E29
[7:0]
The default value of these two registers is 0x0400. This is the starting address of an EEPROM data
transfer because the previous register contains a data instruction that specifies the number of
bytes (minus one) to transfer. The controller stores 0x0400 in the EEPROM and increments the
EEPROM pointer by 2. It then transfers 31 bytes from the register map (beginning at Address 0x0400) to
the external EEPROM and increments the EEPROM address pointer by 32 (31 data bytes and one
checksum byte). The 31 bytes transferred correspond to the DPLL_0 general settings (for example,
free running tuning word) in the register map.
0x0E2A
[7:0]
Table 133. EEPROM Storage Sequence for APLL_0 Configuration and Output Drivers
Address
Bits
Bit Name
Description
0x0E2B
[7:0]
APLL_0 config
and output
drivers
The default value of this register is 0x0E, which is a data instruction. Its decimal value is 14, which
tells the controller to transfer 15 bytes of data (14 + 1) beginning at the address specified by the
next two bytes. The controller stores 0x0E in the EEPROM and increments the EEPROM address
pointer.
0x0E2C
[7:0]
The default value of these two registers is 0x0430. This is the starting address of an EEPROM data
transfer because the previous register contains a data instruction that specifies the number of
bytes (minus one) to transfer. The controller stores 0x0430 in the EEPROM and increments the
EEPROM pointer by 2. It then transfers 31 bytes from the register map (beginning at Address 0x0430) to
the external EEPROM and increments the EEPROM address pointer by 15. The 15 bytes transferred
correspond to the APLL_0 settings as well as the PLL_0 output driver settings in the register map.
0x0E2D
[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com