Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 111 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 111 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 107Page - Analog Devices AD9554BCPZ Datasheet HTML 108Page - Analog Devices AD9554BCPZ Datasheet HTML 109Page - Analog Devices AD9554BCPZ Datasheet HTML 110Page - Analog Devices AD9554BCPZ Datasheet HTML 111Page - Analog Devices AD9554BCPZ Datasheet HTML 112Page - Analog Devices AD9554BCPZ Datasheet HTML 113Page - Analog Devices AD9554BCPZ Datasheet HTML 114Page - Analog Devices AD9554BCPZ Datasheet HTML 115Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 111 of 116
Table 150. EEPROM Storage Sequence for APLL Calibration
Address
Bits
Bit Name
Description
0x0E5E
[7:0]
IO_UPDATE
The default value of this register is 0x80, which is an IO_UPDATE instruction. The controller stores
0x80 in the EEPROM and increments the EEPROM address pointer.
0x0E5F
[7:0]
Calibrate APLLs
The default value of this register is 0x92, which is a calibrate instruction for all of the APLLs. The
controller stores 0x92 in the EEPROM and increments the EEPROM address pointer.
0x0E60
[7:0]
Sync outputs
The default value of this register is 0xA0, which is a distribution sync instruction for all of the output
dividers. The controller stores 0xA0 in the EEPROM and increments the EEPROM address pointer.
Table 151. EEPROM Storage Sequence for End of Data
Address
Bits
Bit Name
Description
0x0E61
[7:0]
End of data
The default value of this register is 0xFF, which is an end of data instruction. The controller stores
this instruction, as well as four CRC-32 bytes in the EEPROM, resets the EEPROM address pointer,
and enters an idle state. Note that if the user replaces this command with a pause rather than an
end instruction, the controller actions are the same except that the controller increments the
EEPROM address pointer rather than resetting it. This allows the user to store multiple EEPROM
profiles in the EEPROM.
Table 152. Unused
Address
Bits
Bit Name
Description
0x0E62 to
0x0E6F
[7:0]
Unused
This area is unused in the default configuration and is available for additional EEPROM storage
sequence commands. Note that the EEPROM storage sequence must always end with either an end
of data or pause command.
Table 153. VCAL Reference Settings
Address
Bits
Bit Name
Description
0x0FFF
[7:0]
VCAL reference access
Writing 0xF9 to this register allows access to VCAL reference registers at Register 0x1488,
Register 0x1588, Register 0x1688, and Register 0x1788. Set this register back to 0x00
after writing to Register 0x1488, Register 0x1588, Register 0x1688, and Register 0x1788
to avoid accidental writes above Register 0x0FFF.
0x00 (and all other values except 0xF9) = access disabled. Default: 0x00.
0xF9 = access enabled.
0x1488
[7:3]
Reserved
Default: 00000b.
[2:1]
APLL_0 manual cal level
APLL_0 reference voltage used during APLL_0 calibration. Set these bits (and issue an
IO_UPDATE by writing Register 0x000F = 0x01) before calibrating the APLLs to ensure
optimal performance over temperature and voltage extremes. These bits must be set
only once per power cycle. Before writing to this register, Register 0x0FFF must be 0xF9.
00b = Reference Voltage 0 (default).
01b = Reference Voltage 1 (recommended).
10b = Reference Voltage 2.
11b = Reference Voltage 3.
0
En APLL_0 man cal level
Enables manual control of the VCAL reference setting for APLL_0.
0 = manual control disabled (default).
1 = manual control enabled (recommended).
0x1588
[7:3]
Reserved
Default: 00000b.
[2:1]
APLL_1 manual cal level
APLL_1 reference voltage used during APLL_0 calibration. Set these bits (and issue an
IO_UPDATE by writing Register 0x000F = 0x01) before calibrating the APLLs to ensure
optimal performance over temperature and voltage extremes. These bits must be set
only once per power cycle. Before writing to this register, Register 0x0FFF must be 0xF9.
00b = Reference Voltage 0 (default).
01b = Reference Voltage 1 (recommended).
10b = Reference Voltage 2.
11b = Reference Voltage 3.
0
En APLL_1 man cal level
Enables manual control of the VCAL reference setting for APLL_1.
0 = manual control disabled (default).
1 = manual control enabled (recommended).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com