Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 112 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 112 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 108Page - Analog Devices AD9554BCPZ Datasheet HTML 109Page - Analog Devices AD9554BCPZ Datasheet HTML 110Page - Analog Devices AD9554BCPZ Datasheet HTML 111Page - Analog Devices AD9554BCPZ Datasheet HTML 112Page - Analog Devices AD9554BCPZ Datasheet HTML 113Page - Analog Devices AD9554BCPZ Datasheet HTML 114Page - Analog Devices AD9554BCPZ Datasheet HTML 115Page - Analog Devices AD9554BCPZ Datasheet HTML 116Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 112 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 112 of 116
Address
Bits
Bit Name
Description
0x1688
[7:3]
Reserved
Default: 00000b.
[2:1]
APLL_2 manual cal level
APLL_2 reference voltage used during APLL_0 calibration. Set these bits (and issue an
IO_UPDATE by writing Register 0x000F = 0x01) before calibrating the APLLs to ensure
optimal performance over temperature and voltage extremes. These bits must be set
only once per power cycle. Before writing to this register, Register 0x0FFF must be 0xF9.
00b = Reference Voltage 0 (default).
01b = Reference Voltage 1 (recommended).
10b = Reference Voltage 2.
11b = Reference Voltage 3.
0
En APLL_2 man cal level
Enables manual control of the VCAL reference setting for APLL_2.
0 = manual control disabled (default).
1 = manual control enabled (recommended).
0x1788
[7:3]
Reserved
Default: 00000b.
[2:1]
APLL_3 manual cal level
APLL_3 reference voltage used during APLL_0 calibration. Set these bits (and issue an
IO_UPDATE by writing Register 0x000F = 0x01) before calibrating the APLLs to ensure
optimal performance over temperature and voltage extremes. These bits must be set
only once per power cycle. Before writing to this register, Register 0x0FFF must be 0xF9.
00b = Reference Voltage 0 (default).
01b = Reference Voltage 1 (recommended).
10b = Reference Voltage 2.
11b = Reference Voltage 3.
0
En APLL_3 man cal level
Enables manual control of the VCAL reference setting for APLL_3.
0 = manual control disabled (default).
1 = manual control enabled (recommended).
Table 154. Multifunction Pin Output Functions (D7 = 1)
Bits[D7:D0] Value
Output Function
Source Proxy
0x80
Static Logic 0
None
0x81
Static Logic 1
None
0x82
System clock divided by 32
None
0x83
Watchdog timer output; this is a strobe whose duration equals
(32/(one system clock period)) when timer expires
None
0x84
SYSCLK PLL calibration busy
Register 0x0D01, Bit 2
0x85
SYSCLK PLL lock detected
Register 0x0D01, Bit 0
0x86
SYSCLK PLL stable
Register 0x0D01, Bit 1
0x87
All PLLs locked (logical AND of 0x88, 0x89, 0x8A, 0x8B)
Register 0x0D01, Bits[7:4]
0x88
(DPLL_0 phase lock) AND (APLL_0 lock) AND (SYSCLK PLL lock)
Register 0x0D01, Bit 4
0x89
(DPLL_1 phase lock) AND (APLL_1 lock) AND (SYSCLK PLL lock)
Register 0x0D01, Bit 5
0x8A
(DPLL_2 phase lock) AND (APLL_2 lock) AND (SYSCLK PLL lock)
Register 0x0D01, Bit 6
0x8B
(DPLL_3 phase lock) AND (APLL_3 lock) AND (SYSCLK PLL lock)
Register 0x0D01, Bit 7
0x8C
EEPROM upload (write to EEPROM) in progress
Register 0x0D00, Bit 0
0x8D
EEPROM download (read from EEPROM) in progress
Register 0x0D00, Bit 1
0x8E
EEPROM fault detected
Register 0x0D00, Bit 2
0x90
All IRQs: (IRQ_common) OR (IRQ_PLL_0) OR (IRQ_PLL_1) OR
(IRQ_PLL_2) OR (IRQ_PLL_3)
None
0x91
IRQ_common
None
0x92/0x93/0x94/0x95
IRQ_PLL_0/IRQ_PLL_1/IRQ_PLL_2/IRQ_PLL_3
None
0xA0/0xA1/0xA2/0xA3
REFA/REFB/REFC/REFD fault
Register 0x0D02/Register 0x0D03/
Register 0x0D04/Register 0x0D05, Bit 2
0xA8/0xA9/0xAA/0xAB
REFA/REFB/REFC/REFD valid
Register 0x0D02/Register 0x0D03/
Register 0x0D04/Register 0x0D05, Bit 3
0xB0
REFA active (any PLL)
Register 0x0D02, Bit 4||Bit 5||Bit 6||Bit 7
0xB1
REFB active (any PLL)
Register 0x0D03, Bit 4||Bit 5||Bit 6||Bit 7
0xB2
REFC active (any PLL)
Register 0x0D04, Bit 4||Bit 5||Bit 6||Bit 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com