Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 30 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 30 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 26Page - Analog Devices LTC6948 Datasheet HTML 27Page - Analog Devices LTC6948 Datasheet HTML 28Page - Analog Devices LTC6948 Datasheet HTML 29Page - Analog Devices LTC6948 Datasheet HTML 30Page - Analog Devices LTC6948 Datasheet HTML 31Page - Analog Devices LTC6948 Datasheet HTML 32Page - Analog Devices LTC6948 Datasheet HTML 33Page - Analog Devices LTC6948 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
LTC6948
30
6948fa
For more information www.linear.com/LTC6948
applicaTions inForMaTion
REFERENCE SOURCE CONSIDERATIONS
A high quality signal must be applied to the REF± inputs as
they provide the frequency reference to the entire PLL. As
mentioned previously, to achieve the part’s in-band phase
noise performance, apply a CW signal of at least 6dBm
into 50Ω, or a square wave of at least 0.5VP-P with slew
rate of at least 40V/µs.
The LTC6948 may be driven single-ended to CMOS levels
(greater than 2.7VP-P ). Apply the reference signal at REF+,
and bypass REF– to GND with a 47pF capacitor. The BST
bit must also be set to 0, according to guidelines given
in Table 2.
TheLTC6948achievesanintegermodein-bandnormalized
phase noise floor LNORM(INT) = –226dBc/Hz typical, and
a fractional mode phase noise floor LNORM(FRAC) = –225
dBc/Hz typical. To calculate its equivalent input phase
noise floor LIN, use the following Equation 16.
LIN = LNORM + 10 • log10 (fREF)
(16)
Forexample,usinga10MHzreferencefrequencyininteger
mode gives an input phase noise floor of –156dBc/Hz.
The reference frequency source’s phase noise must be at
least 3dB better than this to prevent limiting the overall
system performance.
IN-BAND OUTPUT PHASE NOISE
The in-band phase noise floor LOUT produced at fRF may
be calculated by using Equation 17.
LOUT = LNORM + 10 • log10 (fPFD)
(17)
+ 20 • log10 (fRF/fPFD)
or
LOUT ≈ LNORM + 10 • log10 (fPFD)
+ 20 • log10 (N/O)
where LNORM is –226dBc/Hz for integer mode and
–225dBc/Hz for fractional mode. See the Typical Perfor-
mance Characteristics section for graphs showing LNORM
variation versus ICP and fVCO.
As can be seen from Equation 17 for a given PFD frequency
fPFD, the output in-band phase noise increases at a 20dB-
per-decade rate with the N divider count. So, for a given
output frequency fRF, fPFD should be as large as possible
(or N should be as small as possible) while still satisfying
the application’s frequency step size requirements.
OUTPUT PHASE NOISE DUE TO 1/f NOISE
In-band phase noise at very low offset frequencies may
be influenced by the LTC6948’s 1/f noise, depending upon
fPFD.Usethenormalizedin-band1/fnoiseL1/fof–274dBc/
Hz with Equation 18 to approximate the output 1/f phase
noise at a given frequency offset fOFFSET.
LOUT(1/f) (fOFFSET) = L1/f + 20 • log10 (fRF)
(18)
– 10 • log10 (fOFFSET)
Unlike the in-band noise floor LOUT, the 1/f noise LOUT(1/f)
does not change with fPFD, and is not constant over offset
frequency. See Figure 14 for an example of integer mode
in-band phase noise for fPFD equal to 3MHz and 100MHz.
The total phase noise will be the summation of LOUT and
LOUT(1/f).
Figure 14. Theoretical Integer Mode In-Band
Phase Noise, fRF = 2500MHz
OFFSET FREQUENCY (Hz)
10
–110
–100
100k
6948 F14
–120
–130
100
1k
10k
–90
TOTAL NOISE
fPFD = 3MHz
TOTAL NOISE
fPFD = 100MHz
1/f NOISE
CONTRIBUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com