Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 38 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 38 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 30Page - Analog Devices LTC6948 Datasheet HTML 31Page - Analog Devices LTC6948 Datasheet HTML 32Page - Analog Devices LTC6948 Datasheet HTML 33Page - Analog Devices LTC6948 Datasheet HTML 34Page - Analog Devices LTC6948 Datasheet HTML 35Page - Analog Devices LTC6948 Datasheet HTML 36Page - Analog Devices LTC6948 Datasheet HTML 37Page - Analog Devices LTC6948 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
LTC6948
38
6948fa
For more information www.linear.com/LTC6948
LINEAR TECHNOLOGY CORPORATION 2014
LT 0417 REV A • PRINTED IN USA
www.linear.com/LTC6948
PART NUMBER
DESCRIPTION
COMMENTS
LTC6946-x
Ultralow Noise and Spurious Integer-N
Synthesizer with Integrated VCO
370MHz to 6.4GHz, –226dBc/Hz Normalized In-Band Phase Noise Floor, –157dBc/Hz
Wideband Output Phase Noise Floor
LTC6945
Ultralow Noise and Spurious Integer-N
Synthesizer
350MHz to 6GHz, –226dBc/Hz Normalized In-Band Phase Noise Floor, –157dBc/Hz
Wideband Output Phase Noise Floor
LTC6947
Ultralow Noise and Spurious Fractional-N
Synthesizer
350MHz to 6GHz, –226dBc/Hz Normalized In-Band Phase Noise Floor, –157dBc/Hz
Wideband Output Phase Noise Floor
LTC6957
Low Phase Noise, Dual Output Buffer/Driver/
Logic Converter
Optimized Conversion of Sine Waves to Logic Levels, LVPECL/LVDS/CMOS Outputs,
DC-300MHz, 45fsRMS additive jitter (LVPECL)
LTC5540/LTC5541/
LTC5542/LTC5543
High Dynamic Range Downconverting Mixers 8dB Conversion Gain, 26.4dBm IIP3, 9.6dB NF, 600MHz to 4GHz
LTC5590/LTC5591/
LTC5592/LTC5593
High Linearity Dual Mixers
600MHz to 4.5GHz, 8.5dB Gain, 26.2dBm IIP3, 9.9dB NF
LTC5569
Broadband Dual Mixer
300MHz to 4GHz, 26.8dBm IIP3, 2dB Gain, 11.7dB NF, 600mW Power
LTC5588-1
Ultrahigh OIP3 I/Q Modulator
200MHz to 6GHz, 31dBm OIP3, –160.6dBm/Hz Noise Floor
LT®5575
Direct Conversion I/Q Demodulator
800MHz to 2.7GHz, 22.6dBm IIP3, 60dBm IIP2, 12.7dB NF
relaTeD parTs
Typical applicaTions
UNUSED OUTPUT
AVAILABLE FOR
OTHER USE
50
0.1µF
R = 5, fPFD = 63.1MHz
N = 66.6 TO 95.1
LBW = 218kHz
O = 1
1µF
0.01µF
5V
3.3V
0.1µF
68nH
68nH
0.01µF
3.3V
71.5
100pF
100pF
1.5nF
3.3V
fLO = 8400MHz TO 12000MHz IN 481.4Hz STEPS
PLO = 14dBm TO 16dBm
LTC6948-4
STAT
TUNE
CS
SDI
VD+
LDO
SCLK
TB
GND
REF+
SDO
CMC
CMB
CMA
GND
BVCO
0.1µF
315.5MHz, 15dBm
315.5MHz DATA-
CONVERTER CLOCK
CRYSTEK
CCSO-914X
51.1
1µF
3.3V
1µF
0.1µF
3.3V
1µF
2.2µF
16.5
16.5
15
16.5
6948 TA03a
SPI BUS
10µH
71.5
47nF
4.7nF
2.2nF
MA-COM
XX1002-QH
X2
5V
1µF
1nF
0.01µF
1µF
Generating a 12GHz LO Signal
System Phase Noise
fRF = 12.024GHz
OFFSET FREQUENCY (Hz)
–130
–140
–110
–80
–90
–120
–100
1k
100k
1M
10M
100M
6948 TA03b
–150
10k
RMS NOISE = 0.825°
RMS JITTER = 191fs
fPFD = 63.1MHz
LOOP BW = 218kHz
INTN = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com