Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 25 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 25 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 21Page - Analog Devices LTC6948 Datasheet HTML 22Page - Analog Devices LTC6948 Datasheet HTML 23Page - Analog Devices LTC6948 Datasheet HTML 24Page - Analog Devices LTC6948 Datasheet HTML 25Page - Analog Devices LTC6948 Datasheet HTML 26Page - Analog Devices LTC6948 Datasheet HTML 27Page - Analog Devices LTC6948 Datasheet HTML 28Page - Analog Devices LTC6948 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
LTC6948
25
6948fa
For more information www.linear.com/LTC6948
applicaTions inForMaTion
INTRODUCTION
APLLisacomplexfeedbacksystemthatmayconceptually
beconsideredafrequencymultiplier.Thesystemmultiplies
thefrequencyinputatREF±andoutputsahigherfrequency
at RF±. The PFD, charge pump, N divider, VCO and external
loop filter form a feedback loop to accurately control the
output frequency (see Figure 13).
The external loop filter is used to set the PLL’s loop
bandwidth BW. Lower bandwidths generally have better
spuriousperformanceandlowerΔ∑modulatorquantization
noise. Higher bandwidths can have better total integrated
phase noise.
The R and O divider and input frequency fREF are used to
set the output frequency resolution. When in fractional
mode, the Δ∑ modulator changes the N divider’s ratio
each PFD cycle to produce an average fractional divide
ratio. This achieves a much smaller frequency resolution
for a given fPFD as compared to integer mode.
OUTPUT FREQUENCY
When the loop is locked, the frequency fVCO (in Hz)
produced at the output of the VCO is determined by the
reference frequency fREF, the R and N divider values, and
the fractional value F, given by Equation 3:
fVCO =
fREF • N+F
(
)
R
(3)
where the fractional value F is given by Equation 4:
F =
NUM
218
(4)
NUM is programmable from 1 to 262143, or 218 – 1. When
using the LTC6948 in integer mode, F = 0.
The PFD frequency fPFD is given by the following equation:
fPFD =
fREF
R
(5)
and fVCO may be alternatively expressed as:
fVCO = fPFD • (N + F)
(6)
The output frequency fRF produced at the output of the O
divider is given by Equation 7:
fRF =
fVCO
O
(7)
Usingtheaboveequations,theminimumoutputfrequency
resolution fSTEP(MIN) produced by a unit change in the
fractional numerator NUM while in fractional mode is
given by Equation 8:
fSTEP(MIN) =
fREF
R•O•218
(8)
Figure 13. PLL Loop Diagram
R_DIV
N_DIV
÷R
O_DIV
÷O
÷(N + F)
fPFD
LTC6948
REF±
(fREF)
fVCO
KPFD
KVCO
26
RF±
(fRF)
15
CP
LOOP FILTER
(FOURTH ORDER)
LF(s)
6948 F13
TUNE
ICP
∆∑
RZ
CI
CP
C2
LF(s)
R1
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com