Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 24Page - Analog Devices LTC6948 Datasheet HTML 25Page - Analog Devices LTC6948 Datasheet HTML 26Page - Analog Devices LTC6948 Datasheet HTML 27Page - Analog Devices LTC6948 Datasheet HTML 28Page - Analog Devices LTC6948 Datasheet HTML 29Page - Analog Devices LTC6948 Datasheet HTML 30Page - Analog Devices LTC6948 Datasheet HTML 31Page - Analog Devices LTC6948 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
LTC6948
28
6948fa
For more information www.linear.com/LTC6948
applicaTions inForMaTion
Loop Filter Component Selection
Now set loop filter resistor RZ and charge pump current
ICP. Because the KVCO varies over the VCO’s frequency
range, using the KVCO geometric mean gives good results:
KVCO = 3.843 •109 • 0.047 • 0.07
= 220.4MHz / V
Using an ICP of 5.6mA, the FracNWizard uses Equation 12
to determine RZ:
RZ =
2• π •150k •76
5.6m•220.4M
RZ = 58.0Ω
For the 4th order Filter 3, FracNWizard uses modified
Equations 13 and 14 to calculate CI, CP:
CI =
4.5
2• π •150k •58
= 82.3nF
CP =
1
10.5• π •150k •58
= 3.5nF
FracNWizard calculates R1, L1, and C2 to be:
R1 = 58.0Ω
C2 = 2.3nF
L1 = 7.8µH
Status Output Programming
This example will use the STAT pin to alert the system
whenever the LTC6948 generates a fault condition. Pro-
gram x[5], x[4], x[3], x[1], x[0] = 1 to force the STAT pin
high whenever any of the UNLOCK, ALCHI, ALCLO, THI,
or TLO flags asserts:
Reg01 = h3B
Power Register Programming
For correct PLL operation all internal blocks should be
enabled. OMUTE may remain asserted (or the MUTE pin
held low) until programming is complete. For OMUTE = 1:
Reg02 = h02
VCO ALC, AUTOCAL, and AUTORST Programming
Set the ALC options (ALCMON = ALCULOK = ALCCAL = 1),
the auto reset options (AUTOCAL = AUTORST = 1), and
the Δ∑ modulator modes (DITHEN = 1, INTN = 0) at the
same time:
Reg03 = h7E
The ALC will only be active during a calibration cycle or
when the loop is unlocked, but the ALCHI and ALCLO
statusconditionswillbemonitoredcontinuously.TheVCO
will be calibrated and the Δ∑ modulator will be reset at the
end of the SPI write communication burst (assuming an
auto-increment write is used to write all registers).
LDO Programming
Use Table 13 and fPFD = 50MHz to determine V(LDO) and
LDOV[1:0]:
V(LDO) = 2.3V and LDOV[1:0] = 2
Use LDOV[1:0], LDOEN = 1 to enable the LDO, and the
previously determined BD[3:0] value to set Reg04. CPLE
should be set to 1 to reduce in-band noise and spurious
due to the Δ∑ modulator:
Reg04 = h5E
SEED Programming
The SEED[7:0] value is used to initialize the Δ∑ modulator
dither circuitry. Use the default value:
Reg05 = h11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com