Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 16Page - Analog Devices LTC6948 Datasheet HTML 17Page - Analog Devices LTC6948 Datasheet HTML 18Page - Analog Devices LTC6948 Datasheet HTML 19Page - Analog Devices LTC6948 Datasheet HTML 20Page - Analog Devices LTC6948 Datasheet HTML 21Page - Analog Devices LTC6948 Datasheet HTML 22Page - Analog Devices LTC6948 Datasheet HTML 23Page - Analog Devices LTC6948 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
LTC6948
20
6948fa
For more information www.linear.com/LTC6948
operaTion
LDO REGULATOR
Theadjustablelowdropout(LDO)regulatorsuppliespower
to the Δ∑ modulator. The regulator requires a low ESR
ceramic capacitor (ESR < 0.8Ω) connected to the LDO
pin (pin 7) for stability. The capacitor value may range
from 0.047µF to 1µF.
TheLDOvoltageissetusingtheLDOV[1:0]bits,andshould
be chosen based upon the fPFD frequency to minimize
power and spurious. The regulator is disabled by setting
the LDOEN bit to 0. When disabled by using either the
LDOEN or PDFN bits, the LDO pin is connected directly
to VD+ using a low impedance switch, and the regulator
is powered down. See Table 13 for programming details.
Table 13. LDOV[1:0] and LDOEN Programming
LDOV[1:0]
LDOEN
VLDO
fPFD
0
1
1.7V
≤34.3MHz
1
1
2.0V
≤45.9MHz
2
1
2.3V
≤56.1MHz
3
1
2.6V
≤66.3MHz
X
0
VD+
≤76.1MHz
OUTPUT (O) DIVIDER
The 3-bit O divider can reduce the frequency from the VCO
to extend the output frequency range. Its divide ratio O
may be set to any integer from 1 to 6, inclusive, outputting
a 50% duty cycle even with odd divide values. Use the
OD[2:0] bits found in register h0B to directly program the
O divide ratio. See the Applications Information section
for the relationship between O and the fREF, fPFD, fVCO,
and fRF frequencies.
RF OUTPUT BUFFER
The low noise, differential output buffer produces a dif-
ferential output power of –4.3dBm to +4.5dBm, settable
with bits RFO[1:0] according to Table 14. The outputs may
becombinedexternally,orusedindividually.Terminateany
unused output with a 50Ω resistor to VRF+.
Table 14. RFO[1:0] Programming
RFO[1:0}
PRF (DIFFERENTIAL)
PRF (SINGLE-ENDED)
0
–4.3dBm
–7.3dBm
1
–1.5dBm
–4.5dBm
2
1.6dBm
–1.4dBm
3
4.5dBm
1.5dBm
Each output is open-collector with 136Ω pull-up resistors
to VRF+, easing impedance matching at high frequencies.
See Figure 5 for circuit details and the Applications Infor-
mation section for matching guidelines. The buffer may be
muted with either the OMUTE bit, found in register h02,
or by forcing the MUTE input low.
12
11
6948 F05
VRF+
VRF+
RF+
136
136
RF–
MUTE
OMUTE
RFO[1:0]
9
MUTE
Figure 5. Simplified RF Interface Schematic
SERIAL PORT
The SPI-compatible serial port provides control and
monitoring functionality. A configurable status output
STAT gives additional instant monitoring.
Communication Sequence
The serial bus is comprised of CS, SCLK, SDI, and SDO.
Data transfers to the part are accomplished by the se-
rial bus master device first taking CS low to enable the
LTC6948’s port. Input data applied on SDI is clocked on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com