Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 14Page - Analog Devices LTC6948 Datasheet HTML 15Page - Analog Devices LTC6948 Datasheet HTML 16Page - Analog Devices LTC6948 Datasheet HTML 17Page - Analog Devices LTC6948 Datasheet HTML 18Page - Analog Devices LTC6948 Datasheet HTML 19Page - Analog Devices LTC6948 Datasheet HTML 20Page - Analog Devices LTC6948 Datasheet HTML 21Page - Analog Devices LTC6948 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
LTC6948
18
6948fa
For more information www.linear.com/LTC6948
operaTion
for the relationship between R, N, NUM, O, and the fREF,
fPFD, fVCO, and fRF frequencies). The output frequency is
then stable over the LTC6948’s entire temperature range,
regardless of the temperature at which it was calibrated,
until the part is reset due to a power cycle or software
power-on reset (POR).
The output of the B divider is used to clock digital calibra-
tion circuitry as shown in the Block Diagram. The B value,
programmed with bits BD[3:0], and fPFD determine the
calibration frequency fCAL. Calculate the B value using
Equation 1.
B ≥
fPFD
fCAL-MAX
(1)
ThemaximumcalibrationfrequencyfCAL-MAXforeachpart
option is shown in Table 8.
Table 8. Maximum Calibration Frequency
PART
fCAL-MAX (MHz)
LTC6948-1
1.0
LTC6948-2
1.33
LTC6948-3
1.7
LTC6948-4
1.8
The relationship between bits BD(3:0) and the B value is
shown in Table 9.
Table 9. BD[3:0] Programming
BD[3:0]
B DIVIDE VALUE
0
8
1
12
2
16
3
24
4
32
5
48
6
64
7
96
8
128
9
192
10
256
11
384
12 to 15
Invalid
Once the RD[4:0], ND[9:0], NUM[17:0], and BD[3:0] bits
are written and the reference frequency fREF is present and
stable at the REF± inputs, the VCO must be calibrated by
setting CAL = 1 (the bit is self-clearing). The calibration
cycle takes between 12 and 14 clocks of the B divider
output. The MTCAL bit may be set to mute the RF output
during the calibration.
Note that the fREF frequency and TB and BB voltages must
be stable for proper calibration. Stable bias voltages are
achieved after approximately 3 time constants following
power-up.
Setting AUTOCAL = 1 causes the CAL bit to be set auto-
maticallywheneveranyofserialportregistersh06through
h0A is written. When AUTOCAL is enabled, there is no
need for a separate register write to set the CAL bit. See
Table 10 for a summary of the VCO bits.
Table 10. VCO Bit Descriptions
BIT
DESCRIPTION
AUTOCAL Calibrate VCO Whenever Registers h06 to h0A Are Written
CAL
Start VCO Calibration (Auto Clears)
MTCAL
Mute RF Output During Calibration
VCO Automatic Level Control (ALC)
The VCO uses an internal automatic level control (ALC)
algorithm to maintain an optimal amplitude on the VCO
resonator, and thus optimal phase noise performance. The
user has several ALC configuration and status reporting
options as seen in Table 11.
Table 11. ALC Bit Descriptions
BIT
DESCRIPTION
ALCCAL Auto Enable ALC during CAL operation
ALCEN Always Enable ALC (Overrides ALCCAL, ALCMON, and
ALCULOK)
ALCHI
ALC too High Flag (Resonator Amplitude too High)
ALCLO ALC too Low Flag (Resonator Amplitude too Low)
ALCMON Enable ALC Monitoring for Status Flags Only; Does Not Enable
Amplitude Control
ALCULOK Auto Enable ALC when PLL Unlocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com