Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 35 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 35 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 30Page - Analog Devices LTC6948 Datasheet HTML 31Page - Analog Devices LTC6948 Datasheet HTML 32Page - Analog Devices LTC6948 Datasheet HTML 33Page - Analog Devices LTC6948 Datasheet HTML 34Page - Analog Devices LTC6948 Datasheet HTML 35Page - Analog Devices LTC6948 Datasheet HTML 36Page - Analog Devices LTC6948 Datasheet HTML 37Page - Analog Devices LTC6948 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
LTC6948
35
6948fa
For more information www.linear.com/LTC6948
OUTPUT POWER (dBm)
–20
–148
–150
–152
–156
–160
–154
–158
–162
–15
0
6948 TA02c
5
–5
–10
fLO = 2100MHz
BASEBAND = 2kHz SINE
OUTPUT FREQUENCY (MHz)
1500
–20
–30
–40
–50
–60
–70
–80
1700
1900
2300
2100
6948 TA02b
2500
BASEBAND = 100kHz AT 500mVPK
LO LEAKAGE RATIO
UNADJUSTED
IMAGE REJECTION
Typical applicaTions
Driving a Modulator LO for High Image Rejection and Low Noise Floor
Measured Image Rejection and LO
Leakage Ratio vs Output Frequency
Measured Noise Floor at 70MHz
Offset vs RF Output Power
UNUSED OUTPUT
AVAILABLE FOR
OTHER USE
50
0.1µF
R = 1, fPFD = 61.44MHz
N = 73.24 TO 84.64
LBW = 180kHz
O = 2
1µF
0.01µF
5V
3.3V
0.1µF
68nH
68nH
0.01µF
3.3V
66.5
100pF
100pF
1.8nF
3.3V
LTC6948-3
STAT
TUNE
CS
SDI
VD+
LDO
SCLK
TB
GND
REF+
SDO
CMC
CMB
CMA
GND
BVCO
0.1µF
61.44MHz
51.1
1µF
3.3V
1µF
0.1µF
3.3V
1µF
2.2µF
15
SPI BUS
10µH
66.5
68nF
2.2nF
AVAGO
VMMK-2503
4.7µF
MINI-CIRCUITS
LFCN-2600+
LPF
50
1
1nF
6.8pF
1nF
5V
3.3V
LTC5588-1
BASEBAND
I-CHANNEL
BASEBAND
Q-CHANNEL
EN
GND
LOP
LOM
GND
NC
LINOPT
VCC2
GNDRF
GNDRF
NC
NC
RF
100nF
6948 TA02a
fLO = 1500MHz TO 2600MHz IN 117.2Hz STEPS
RF OUTPUT, 1500MHz TO 2600MHz CARRIER
PLO = 13.5dBm, ~ <–40dBc ODD HARMONIC CONTENT
~ <–30dBc EVEN HARMONIC CONTENT
0.1µF
1nF
4.7µF
1.3
3.3V
1nF
0.2pF
100pF
10nH
0.01µF
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com