Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 6Page - Analog Devices LTC6948 Datasheet HTML 7Page - Analog Devices LTC6948 Datasheet HTML 8Page - Analog Devices LTC6948 Datasheet HTML 9Page - Analog Devices LTC6948 Datasheet HTML 10Page - Analog Devices LTC6948 Datasheet HTML 11Page - Analog Devices LTC6948 Datasheet HTML 12Page - Analog Devices LTC6948 Datasheet HTML 13Page - Analog Devices LTC6948 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
LTC6948
10
6948fa
For more information www.linear.com/LTC6948
TA = 25°C. VREF+ = VD+ = VRF+ = 3.3V, VCP+ = VVCO+ =
5V, INTN = 0, DITHEN = 1, CPLE = 1, RFO[1:0] = 3, unless otherwise noted.
Typical perForMance characTerisTics
Integer Boundary Spur Power vs
Output Frequency, LTC6948-3
LTC6948-4 Supply Current
VD+ Supply Current vs LDOV, fPFD
(INTN = 0, PDFN = 0)
VD+ Supply Current vs LDOV,
Temperature
(INTN = 0, PDFN = 0, fPFD Noted)
LTC6948-1 Spurious Response
fRF = 891.85MHz, fREF = 100MHz,
fPFD = 25MHz, Loop BW = 74kHz
LTC6948-3 Spurious Response
fRF = 2377.73MHz, fREF = 61.44MHz,
fPFD = 61.44MHz, Loop BW = 180k
LTC6948-4 Spurious Response
fRF = 6236MHz, fREF = 100MHz,
fPFD = 50MHz, Loop BW = 152kHz
FREQUENCY OFFSET (MHz IN 10kHz SEGMENTS)
–100
–100dBc
–75
–140
–120
–100
–80
25 50 75
0
6948 G34
–50 –25 0
100
–60
–40
–20
RBW = 10Hz
VBW = 10Hz
INTN = 0
CPLE = 1
O = 3
NOTES 8, 14
–103dBc
OUTPUT FREQUENCY (GHz)
0
–80
–75
–70
–65
–60
–40
0.5
1.5
2.5
6948 G37
3.5
4.5
1
2
3
4
5 5.5
–55
–50
–45
O=1
O=2
O=3
O=6
O=5
O=4
SPUR IN BAND
fPFD = 50MHz
CPLE = 1
fPFD (MHz)
5
15
0
2
4
6
8
10
12
14
16
20
25
35
45
55
6948 G39
65
75
18
LDOEN = 0
LDOV = 3
LDOV = 2
LDOV = 1
LDOV = 0
TC = 25°C
TJ (°C)
–40
83
84
86
–20
0
20
40
6948 G38
60
88
92
91
90
85
87
89
30
32
34
36
39
38
37
31
33
35
80
100
O = 1, MUTE = 0
RFO = 3, ICP = 5.6mA
EXCLUDES VD+
TJ (°C)
–40 –20
4
6
8
10
12
14
16
20
0
20
40
60
6948 G40
80
100
18
LDOEN = 0, 75MHz
LDOV = 3, 65MHz
LDOV = 2, 55MHz
LDOV = 1, 45MHz
LDOV = 0, 30MHz
FREQUENCY OFFSET (MHz IN 10kHz SEGMENTS)
–246
–96dBc
–78dBc
–78dBc
–184
–140
–120
–100
–80
61.4 123 184
0
6948 G35
–123–61.4 0
246
–60
–40
–20
RBW = 100Hz
VBW = 100Hz
INTN = 0
CPLE = 1
O = 2
NOTES 9, 14
–91dBc
FREQUENCY OFFSET (MHz IN 10kHz SEGMENTS)
–200
–70dBc
–150
–140
–120
–100
–80
50 100 150
0
6948 G36
–100 –50 0
200
–60
–40
–20
RBW = 100Hz
VBW = 100Hz
INTN = 0
CPLE = 1
O = 1
NOTES 8, 14
–72dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com