Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 29 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 25Page - Analog Devices LTC6948 Datasheet HTML 26Page - Analog Devices LTC6948 Datasheet HTML 27Page - Analog Devices LTC6948 Datasheet HTML 28Page - Analog Devices LTC6948 Datasheet HTML 29Page - Analog Devices LTC6948 Datasheet HTML 30Page - Analog Devices LTC6948 Datasheet HTML 31Page - Analog Devices LTC6948 Datasheet HTML 32Page - Analog Devices LTC6948 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
LTC6948
29
6948fa
For more information www.linear.com/LTC6948
applicaTions inForMaTion
R and N Divider and Numerator Programming
Program registers Reg06 to Reg0A with the previously
determinedRandNdividerandnumeratorvalues.Because
the AUTORST and AUTOCAL bits were previously set to
1, CAL and RSTFN do not need to be set:
Reg06 = h10
Reg07 = h4C
Reg08 = h37
Reg09 = h6C
Reg0A = h90
Reference Input Settings and Output Divider
Programming
From Table 1, FILT = 0 for a 100MHz reference frequency.
Next, convert 7dBm into VP–P. For a CW tone, use the
following equation with R = 50:
VP-P ≅ R •10(dBm –21)/20
(15)
This gives VP-P = 1.41V, and, according to Table 2, set
BST = 1.
Now program Reg0B, assuming maximum RF± output
power(RFO[1:0]=3accordingtoTable14)andOD[2:0]=2:
Reg0B = h9A
Lock Detect and Charge Pump Current Programming
Next,determinethelockindicatorwindowfromfPFD.From
Table 3 we see that LKWIN[1:0] = 0 with a tLWW of 5ns for
CPLE = 1 and fVCO = 3.843GHz. The LTC6948 will consider
the loop locked as long as the phase coincidence at the
PFD is within 90°, as calculated below.
phase = 360° • tLWW • fPFD = 360 • 5n • 50M
= 90°
Choosing the correct COUNTS value depends upon the
OSR.SmallerratiosdictatelargerCOUNTSvalues,although
application requirements will vary. A COUNTS value of 32
will work for the OSR of 333. From Table 5, LKCT[1:0] = 1
for 32 counts.
Using Table 6 with the previously selected ICP of 5.6mA
gives CP[3:0] = 7. This gives enough information to pro-
gram Reg0C:
Reg0C = h0D
Charge Pump Function Programming
This example uses the additional voltage clamp features
to allow the monitoring of fault conditions by setting
CPCHI = 1 and CPCLO = 1. If something occurs and the
system can no longer lock to its intended frequency, the
charge pump output will move toward either GND or
VCP+, thereby setting either the TLO or THI status flags,
respectively. Disable all the other charge pump functions
(CPMID, CPINV, CPRST, CPUP, and CPDN), allowing the
loop to lock:
Reg0D = hC0
The loop should now lock. Now un-mute the output by
setting OMUTE = 0 (assumes the MUTE pin is high).
Reg02 = h04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com