Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 2Page - Analog Devices LTC6948 Datasheet HTML 3Page - Analog Devices LTC6948 Datasheet HTML 4Page - Analog Devices LTC6948 Datasheet HTML 5Page - Analog Devices LTC6948 Datasheet HTML 6Page - Analog Devices LTC6948 Datasheet HTML 7Page - Analog Devices LTC6948 Datasheet HTML 8Page - Analog Devices LTC6948 Datasheet HTML 9Page - Analog Devices LTC6948 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LTC6948
6
6948fa
For more information www.linear.com/LTC6948
TA = 25°C. VREF+ = VD+ = VRF+ = 3.3V, VCP+ = VVCO+ =
5V, INTN = 0, DITHEN = 1, CPLE = 1, RFO[1:0] = 3, unless otherwise noted.
Typical perForMance characTerisTics
elecTrical characTerisTics
Note 3: Valid for 1.60V ≤ V(TUNE) ≤ 2.85V with part calibrated after a
power cycle or software power-on reset (POR).
Note 4: Based on characterization.
Note 5: For 0.9V < V(CP) < (VCP+ – 0.9V).
Note 6: Measured outside the loop bandwidth, using a narrowband loop,
RFO[1:0] = 3.
Note 7: Measured inside the loop bandwidth with the loop locked.
Note 8: Reference frequency supplied by Wenzel 501-04516,
fREF = 100MHz, PREF = 10dBm.
Note 9: Reference frequency supplied by Wenzel 500-23571,
fREF = 61.44MHz, PREF = 10dBm.
Note 10: Output phase noise floor is calculated from normalized phase
noise floor by LOUT = LNORM + 10log10 (fPFD) + 20log10 (fRF/fPFD).
Note 11: Output 1/f noise is calculated from normalized 1/f phase noise by
LOUT(1/f) = L1/f + 20log10 (fRF) – 10log10 (fOFFSET).
Note 12: ICP = 5.6mA, fPFD = 61.44MHz, FILT[1:0] = 0, Loop BW = 180kHz;
fRF = 2377.7MHz, fVCO = 4755.4MHz (LTC6948-3)
Note 13: ICP = 5.6mA, fPFD = 25MHz, FILT[1:0] = 0, Loop BW = 73kHz;
fRF = 891.85MHz, fVCO = 2675Hz (LTC6948-1), fVCO = 4459MHz
(LTC6948-2), fVCO = 5351MHz (LTC6948-3, LTC6948-4).
Note 14: Measured using DC1959.
Charge Pump Sink Current Error
vs Voltage, Output Current
REF Input Sensitivity vs
Frequency
Charge Pump Sink Current Error
vs Voltage, Temperature
CP Hi-Z Current vs Voltage,
Temperature
Charge Pump Source Current
Error vs Voltage, Output Current
TUNE Current vs Voltage,
Temperature
FREQUENCY (MHz)
0
–15
–20
–25
–30
–35
–40
–45
–50
400
6948 G01
100
200
300
450
350
50
150
250
BST = 1
FILT = 0
105°C
25°C
–40°C
OUTPUT VOLTAGE (V)
0
5
4
3
2
1
0
–1
–2
–3
–5
–4
4.0
6948 G02
1.0
2.0
3.0
5.0
3.5
0.5
1.5
2.5
4.5
ICP = 11.2mA
CPRST = 1
CPLE = 0
105°C
25°C
–40°C
VOLTAGE (V)
0
5
4
3
2
1
0
–1
–2
–3
–5
–4
6948 G03
1.0
2.0
3.0
0.5
1.5
2.5
105°C
25°C
–40°C
OUTPUT VOLTAGE (V)
0
5
4
3
2
1
0
–1
–2
–3
–5
–4
4.0
6948 G04
1.0
2.0
3.0
5.0
3.5
0.5
1.5
2.5
4.5
CPLE = 0
1mA
5.6mA
11.2mA
OUTPUT VOLTAGE (V)
0
5
4
3
2
1
0
–1
–2
–3
–5
–4
4.0
6948 G05
1.0
2.0
3.0
5.0
3.5
0.5
1.5
2.5
4.5
ICP = 11.2mA
CPLE = 0
105°C
25°C
–40°C
OUTPUT VOLTAGE (V)
0
5
4
3
2
1
0
–1
–2
–3
–5
–4
4.0
6948 G06
1.0
2.0
3.0
5.0
3.5
0.5
1.5
2.5
4.5
CPLE = 0
1mA
5.6mA
11.2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com