Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 3Page - Analog Devices LTC6948 Datasheet HTML 4Page - Analog Devices LTC6948 Datasheet HTML 5Page - Analog Devices LTC6948 Datasheet HTML 6Page - Analog Devices LTC6948 Datasheet HTML 7Page - Analog Devices LTC6948 Datasheet HTML 8Page - Analog Devices LTC6948 Datasheet HTML 9Page - Analog Devices LTC6948 Datasheet HTML 10Page - Analog Devices LTC6948 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LTC6948
7
6948fa
For more information www.linear.com/LTC6948
TA = 25°C. VREF+ = VD+ = VRF+ = 3.3V, VCP+ = VVCO+ =
5V, INTN = 0, DITHEN = 1, CPLE = 1, RFO[1:0] = 3, unless otherwise noted.
Typical perForMance characTerisTics
RF Output HD3 vs Output Divide
(Single-Ended on RF+)
Charge Pump Source Current
Error vs Voltage, Temperature
MUTE Output Power vs fVCO and
Output Divide
(Single-Ended on RF+)
RF Output Power vs Frequency
(Single-Ended on RF+)
LTC6948-3 Frequency Step
Transient
RF Output HD2 vs Output Divide
(Single-Ended on RF+)
LTC6948-1 VCO Tuning Sensitivity
LTC6948-2 VCO Tuning Sensitivity
LTC6948-3 VCO Tuning Sensitivity
OUTPUT VOLTAGE (V)
0
1
3
5
4.0
6948 G07
–1
–3
0
2
4
–2
–4
–5
1.0
0.5
2.0
1.5
3.0 3.5
4.5
2.5
5.0
105°C
25°C
–40°C
ICP = 11.2mA
CPLE = 0
FREQUENCY (GHz)
0.5
–2.5
0.5
1.0
2.0
1.5
1.5
3.5
4.5
6948 G08
–0.5
–1.5
–3.0
0
–3.5
–1.0
–2.0
2.5
5.5
6.5
105°C
25°C
–40°C
LTC6948-4
LC = 68nH
CS = 100pF
fVCO (GHz)
4.2
–55
–50
–45
–40
–35
–30
5.0
5.8
6.6
6948 G09
–25
–20
4.6
5.4
6.2
LTC6948-4, LC = 68nH,
CS = 100pF , fRF = fVCO/O
O = 3
O = 2
O = 1
O = 6
O = 4
O = 5
4.2
5.0
5.8
6.6
4.6
5.4
6.2
fVCO (GHz)
–45
–40
–35
–30
–25
–20
6948 G10
–15
–10
–5
LTC6948-4
LC = 68nH
CS = 100pF
fRF = fVCO/O
O = 6
O = 3
O = 2
O = 1
O = 5
O = 4
4.2
5.0
5.8
6.6
4.6
5.4
6.2
fVCO (MHz)
–75
–65
–55
6948 G11
–85
–95
–45
LTC6948-4, LC = 68nH
CS = 100pF, fRF = fVCO/O
O = 1
O = 4
O = 6
O = 5
O = 2
O = 3
TIME (µs)
–5
0
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
5
10
15
20
6948 G12
25
CALIBRATION TIME
126MHz STEP
fPFD = 61.44MHz
fCAL = 1.28MHz
LOOP BW = 180kHz
MTCAL = 0
O = 2
FREQUENCY (GHz)
2.2 2.4 2.6 2.8
3.0
3.5
4.5
5.0
5.5
8.0
6.5
6948 G13
4.0
7.0
7.5
6.0
3.8
3.6
3.4
3.2
3.0
FREQUENCY (GHz)
3.0 3.2 3.4 3.6 3.8
3.0
3.5
4.5
5.0
5.5
8.0
6.5
6948 G14
4.0
7.0
7.5
6.0
5.0
4.8
4.6
4.4
4.2
4.0
FREQUENCY (GHz)
3.8
2.5
3.0
4.0
4.5
5.0
5.0
7.0
6948 G15
3.5
4.2
5.4
4.6
5.8
5.5
6.0
6.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com