Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 32 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 28Page - Analog Devices LTC6948 Datasheet HTML 29Page - Analog Devices LTC6948 Datasheet HTML 30Page - Analog Devices LTC6948 Datasheet HTML 31Page - Analog Devices LTC6948 Datasheet HTML 32Page - Analog Devices LTC6948 Datasheet HTML 33Page - Analog Devices LTC6948 Datasheet HTML 34Page - Analog Devices LTC6948 Datasheet HTML 35Page - Analog Devices LTC6948 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
LTC6948
32
6948fa
For more information www.linear.com/LTC6948
applicaTions inForMaTion
Single-ended impedance matching is accomplished using
the circuit of Figure 16, with component values found in
Table 18. Using smaller inductances than recommended
can cause phase noise degradation, especially at lower
center frequencies.
Table 18. Suggested Single-Ended Matching Component Values
fRF (MHz)
LC (nH)
CS (pF)
350 to 1500
180
270
1000 to 5800
68
100
Return loss measured on the DC1959 using the above
component values is shown in Figure 17. A broadband
match is achieved using an {LC,CS}ofeither{68nH,100pF}
or {180nH, 270pF}. However, for maximum output power
and best phase noise performance, use the recommended
component values of Table 18. LC should be a wirewound
inductor selected for maximum Q factor and SRF, such as
the Coilcraft HP series of chip inductors.
The LTC6948’s differential RF± outputs may be combined
using an external balun to drive a single-ended load. The
advantagesareapproximately3dBmoreoutputpowerthan
each output individually and better 2nd order harmonic
performance.
Forlowerfrequencies,transmissionline(TL)balunssuchas
the M/A-COM MABACT0065 and the TOKO #617DB-1673
providegoodresults.Athigherfrequencies,surfacemount
(SMT) baluns such as those produced by TDK, Anaren,
and Johanson Technology, can be attractive alternatives.
SeeTable19forrecommendedbalunpartnumbersversus
frequency range.
The listed SMT baluns contain internal chokes to bias RF±
and also provide input-to-output DC isolation. The pin
denoted as GND or DC FEED should be connected to the
VRF+ voltage. Figure 18 shows a surface mount balun’s
connections with a DC FEED pin.
Table 19. Suggested Baluns
fRF (MHz)
PART NUMBER
MANUFACTURER
TYPE
350 to 900
#617DB-1673
TOKO
TL
400 to 600
HHM1589B1
TDK
SMT
600 to 1400
BD0810J50200
Anaren
SMT
600 to 3000
MABACT0065
M/A-COM
TL
1000 to 2000
HHM1518A3
TDK
SMT
1400 to 2000
HHM1541E1
TDK
SMT
1900 to 2300
2450BL15B100E
Johanson
SMT
2000 to 2700
HHM1526
TDK
SMT
3700 to 5100
HHM1583B1
TDK
SMT
4000 to 6000
HHM1570B1
TDK
SMT
The listed TL baluns do not provide input-to-output DC
isolation and must be AC-coupled at the output. Figure 19
displays RF± connections using these baluns.
Figure 17. RF Single-Ended Return Loss
0
1
2
3
4
5
6
7
FREQUENCY (GHz)
–6
–4
–2
6947 F17
–10
–16
0
–8
–12
–14
68nH, 100pF
180nH, 270pF
Figure 16. Single-Ended Output Matching Schematic
RF+(–)
LC
CS
50
TO 50
LOAD
VRF+
RF–(+)
LC
CS
6948 F16
VRF+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com