Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 11Page - Analog Devices LTC6948 Datasheet HTML 12Page - Analog Devices LTC6948 Datasheet HTML 13Page - Analog Devices LTC6948 Datasheet HTML 14Page - Analog Devices LTC6948 Datasheet HTML 15Page - Analog Devices LTC6948 Datasheet HTML 16Page - Analog Devices LTC6948 Datasheet HTML 17Page - Analog Devices LTC6948 Datasheet HTML 18Page - Analog Devices LTC6948 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
LTC6948
15
6948fa
For more information www.linear.com/LTC6948
operaTion
Figure 2. Simplified PFD Schematic
LOCK INDICATOR
The lock indicator uses internal signals from the PFD to
measure phase coincidence between the R and N divider
output signals. It is enabled by programming LKCT[1:0]
in the serial port register h0C (see Table 5), and produces
both LOCK and UNLOCK status flags, available through
both the STAT output and serial port register h00.
The user sets the phase difference lock window time tLWW
for a valid LOCK condition with the LKWIN[2:0] bits. When
using the device as a fractional-N synthesizer (fractional
mode),theΔ∑modulatorchangestheinstantaneousphase
seen at the PFD on every R_DIV and N_DIV cycle. The
maximum allowable time difference in this case depends
upon both the VCO frequency fVCO and also the charge
pump linearization enable bit CPLE (see the Charge Pump
Linearizersectionforanexplanationofthisfunction).Table
3 contains recommended settings for LKWIN[2:0] when
using the device in fractional mode. See the Applications
Information section for examples.
D
Q
RST
N DIV
D
Q
RST
CPRST
UP
DOWN
6948 F02
DELAY
R DIV
Table 3. LKWIN[2:0] Fractional Mode Programming
LKWIN[2:0]
tLWW
fVCO (CPLE = 1)
fVCO (CPLE = 0)
0
5.0ns
≥2.97GHz
≥1.35GHz
1
7.35ns
≥2.00GHz
≥919MHz
2
10.7ns
≥1.39GHz
≥632MHz
3
15.8ns
≥941MHz
≥428MHz
4
23.0ns
≥646MHz
≥294MHz
5
34.5ns
≥431MHz
≥196MHz
6
50.5ns
≥294MHz
≥134MHz
7
76.0ns
≥196MHz
≥89MHz
Whenusingthedeviceasaninteger-Nsynthesizer(integer
mode), the phase difference seen at the PFD is minimized
by the feedback of the PLL and no longer depends upon
fVCO. Table 4 contains recommended settings for different
fPFDfrequencies.SeetheApplicationsInformationsection
for examples.
Table 4. LKWIN[2:0] Integer Mode Programming
LKWIN[2:0]
tLWW
fPFD
0
5.0ns
>6.8MHz
1
7.35ns
≤6.8MHz
2
10.7ns
≤4.7MHz
3
15.8ns
≤3.2MHz
4
23.0ns
≤2.2MHz
5
34.5ns
≤1.5MHz
6
50.5ns
≤1.0MHz
7
76.0ns
≤660kHz
The PFD phase difference must be less than tLWW for the
COUNTS number of successive counts before the lock
indicator asserts the LOCK flag. The LKCT[1:0] bits found
in register h0C are used to set COUNTS depending upon
the application. Set LKCT to 0 to disable the lock indicator.
See Table 5 for LKCT[1:0] programming and the Applica-
tions Information section for examples.
ment at the PFD’s inputs. The PFD may be disabled with
the CPRST bit which prevents UP and DOWN pulses from
being produced. See Figure 2 for a simplified schematic
of the PFD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com