Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 33 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 33 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 29Page - Analog Devices LTC6948 Datasheet HTML 30Page - Analog Devices LTC6948 Datasheet HTML 31Page - Analog Devices LTC6948 Datasheet HTML 32Page - Analog Devices LTC6948 Datasheet HTML 33Page - Analog Devices LTC6948 Datasheet HTML 34Page - Analog Devices LTC6948 Datasheet HTML 35Page - Analog Devices LTC6948 Datasheet HTML 36Page - Analog Devices LTC6948 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
LTC6948
33
6948fa
For more information www.linear.com/LTC6948
Figure 20. Example Exposed Pad Land Pattern
6948 F20
applicaTions inForMaTion
Figure 18. Example SMT Balun Connection
Figure 19. Example TL Balun Connection
LTC6948
VRF+
RF–
RF+
TO 50
LOAD
6948 F18
12
BALUN
2
3
1
5
4
6
11
BALUN PIN CONFIGURATION
1
2
3
4
5
6
UNBALANCED PORT
GND OR DC FEED
BALANCED PORT
BALANCED PORT
GND
NC
LTC6948
VRF+
RF–
RF+
TO 50
LOAD
PRI
SEC
6948 F19
12
11
SUPPLY BYPASSING AND PCB LAYOUT GUIDELINES
Care must be taken when creating a PCB layout to mini-
mize power supply decoupling and ground inductances.
All power supply V+ pins should be bypassed directly to
the ground plane using a 0.1µF ceramic capacitor as close
to the pin as possible. Multiple vias to the ground plane
should be used for all ground connections, including to
the power supply decoupling capacitors.
The package’s exposed pad is a ground connection, and
must be soldered directly to the PCB land pattern. The
PCB land pattern should have multiple thermal vias to the
ground plane for both low ground inductance and also low
thermal resistance (see Figure 20 for an example). See
QFN Package Users Guide, page 8, on Linear Technology
website’s Packaging Information page for specific recom-
mendations concerning land patterns and land via solder
masks. A link is provided below.
http://www.linear.com/designtools/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com