Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 5 Page - Analog Devices

  LTC6948 Datasheet HTML 1Page - Analog Devices LTC6948 Datasheet HTML 2Page - Analog Devices LTC6948 Datasheet HTML 3Page - Analog Devices LTC6948 Datasheet HTML 4Page - Analog Devices LTC6948 Datasheet HTML 5Page - Analog Devices LTC6948 Datasheet HTML 6Page - Analog Devices LTC6948 Datasheet HTML 7Page - Analog Devices LTC6948 Datasheet HTML 8Page - Analog Devices LTC6948 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LTC6948
5
6948fa
For more information www.linear.com/LTC6948
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC6948I is guaranteed to meet specified performance limits
over the full operating junction temperature range of –40°C to 105°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC(3.3V)
Sum VREF+, VRF+ Supply Currents
RF Muted, OD[2:0] = 1
RF Enabled, RFO[1:0] = 0, OD[2:0] = 1
RF Enabled, RFO[1:0] = 3, OD[2:0] = 1
RF Enabled, RFO[1:0] = 3, OD[2:0] = 2
RF Enabled, RFO[1:0] = 3, OD[2:0] = 3
RF Enabled, RFO[1:0] = 3, OD[2:0] = 4 to 6
PDALL = 1
l
l
l
l
l
l
l
70.4
81.1
91.3
109.2
114.8
119.6
53
80
95
105
125
135
140
250
mA
mA
mA
mA
mA
mA
µA
Phase Noise and Spurious
LVCO
VCO Phase Noise (LTC6948-1, fVCO = 3.0GHz,
fRF = 3.0GHz, OD[2:0] = 1 (Note 6))
10kHz Offset
1MHz Offset
40MHz Offset
–80
–130
–157
dBc/Hz
dBc/Hz
dBc/Hz
VCO Phase Noise (LTC6948-2, fVCO = 4.0GHz,
fRF = 4.0GHz, OD[2:0] = 1 (Note 6))
10kHz Offset
1MHz Offset
40MHz Offset
–77
–127
–156
dBc/Hz
dBc/Hz
dBc/Hz
VCO Phase Noise (LTC6948-3, fVCO = 5.0GHz,
fRF = 5.0GHz, OD[2:0] = 1 (Note 6))
10kHz Offset
1MHz Offset
40MHz Offset
–75
–126
–155
dBc/Hz
dBc/Hz
dBc/Hz
VCO Phase Noise (LTC6948-4, fVCO = 6.0GHz,
fRF = 6.0GHz, OD[2:0] = 1 (Note 6))
10kHz Offset
1MHz Offset
40MHz Offset
–73
–123
–154
dBc/Hz
dBc/Hz
dBc/Hz
VCO Phase Noise (LTC6948-3, fVCO = 5.0GHz,
fRF = 2.50GHz, OD[2 :0] = 2 (Note 6))
10kHz Offset
1MHz Offset
40MHz Offset
–81
–132
–155
dBc/Hz
dBc/Hz
dBc/Hz
VCO Phase Noise (LTC6948-3, fVCO = 5.0GHz,
fRF = 1.667GHz, OD[2 :0] = 3 (Note 6))
10kHz Offset
1MHz Offset
40MHz Offset
–84
–135
–156
dBc/Hz
dBc/Hz
dBc/Hz
VCO Phase Noise (LTC6948-3, fVCO = 5.0GHz,
fRF = 1.25GHz, OD[2 :0] = 4 (Note 6))
10kHz Offset
1MHz Offset
40MHz Offset
–87
–138
–156
dBc/Hz
dBc/Hz
dBc/Hz
VCO Phase Noise (LTC6948-3, fVCO = 5.0GHz,
fRF = 1.00GHz, OD[2 :0] = 5 (Note 6))
10kHz Offset
1MHz Offset
40MHz Offset
–89
–140
–157
dBc/Hz
dBc/Hz
dBc/Hz
VCO Phase Noise (LTC6948-3, fVCO = 5.0GHz,
fRF = 0.833GHz, OD[2 :0] = 6 (Note 6))
10kHz Offset
1MHz Offset
40MHz Offset
–90
–141
–158
dBc/Hz
dBc/Hz
dBc/Hz
LNORM(INT)
Integer Normalized In-Band Phase Noise
Floor
INTN = 1, ICP = 5.6mA (Notes 7, 8, 10)
–226
dBc/Hz
LNORM(FRAC)
Fractional Normalized In-Band Phase Noise
Floor
INTN = 0, CPLE = 1, ICP = 5.6mA
(Notes 7, 8, 10)
–225
dBc/Hz
L1/f
Normalized In-Band 1/f Phase Noise
ICP = 11.2mA (Notes 7, 11)
–274
dBc/Hz
In-Band Phase Noise Floor
Fractional Mode, CPLE = 1
(Notes 7, 9, 10, 12)
–113
dBc/Hz
Integrated Phase Noise from 100Hz to
40MHz
Fractional Mode, CPLE = 1 (Notes 9, 12)
0.14
°RMS
Spurious
Fractional Mode, fOFFSET = fPFD, PLL locked
(Notes 8, 13, 14)
–98
dBc
The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VREF+ = VD+ = VRF+ = 3.3V, VCP+ = VVCO+ = 5V unless otherwise
specified (Note 2). All voltages are with respect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com