Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 1 Page - Analog Devices

  LTC6948 Datasheet HTML 1Page - Analog Devices LTC6948 Datasheet HTML 2Page - Analog Devices LTC6948 Datasheet HTML 3Page - Analog Devices LTC6948 Datasheet HTML 4Page - Analog Devices LTC6948 Datasheet HTML 5Page - Analog Devices LTC6948 Datasheet HTML 6Page - Analog Devices LTC6948 Datasheet HTML 7Page - Analog Devices LTC6948 Datasheet HTML 8Page - Analog Devices LTC6948 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LTC6948
1
6948fa
For more information www.linear.com/LTC6948
Typical applicaTion
FeaTures
DescripTion
Ultralow Noise 0.37GHz to
6.39GHz Fractional-N Synthesizer
with Integrated VCO
The LTC®6948 is a high performance, low noise, 6.39GHz
phase-locked loop (PLL) with a fully integrated VCO,
including a reference divider, phase-frequency detector
(PFD), ultralow noise charge pump, fractional feedback
divider, and VCO output divider.
The fractional divider uses an advanced, 4th order Δ∑
modulator which provides exceptionally low spurious
levels. This allows wide loop bandwidths, producing
extremely low integrated phase noise values.
The programmable VCO output divider, with a range of 1
through 6, extends the output frequency range.
Output Frequency Options
LTC6948-1
LTC6948-2
LTC6948-3
LTC6948-4
O_DIV = 1 2.240 to 3.740 3.080 to 4.910 3.840 to 5.790 4.200 to 6.390
O_DIV = 2 1.120 to 1.870 1.540 to 2.455 1.920 to 2.895 2.100 to 3.195
O_DIV = 3 0.747 to 1.247 1.027 to 1.637 1.280 to 1.930 1.400 to 2.130
O_DIV = 4 0.560 to 0.935 0.770 to 1.228 0.960 to 1.448 1.050 to 1.598
O_DIV = 5 0.448 to 0.748 0.616 to 0.982 0.768 to 1.158 0.840 to 1.278
O_DIV = 6 0.373 to 0.623 0.513 to 0.818 0.640 to 0.965 0.700 to 1.065
6.3GHz Wideband Receiver
applicaTions
n
Low Noise Fractional-N PLL with Integrated VCO
n
No ∆-∑ Modulator Spurs
n
18-Bit Fractional Denominator
n
–226 dBc/Hz Normalized In-Band Phase Noise Floor
n
–274 dBc/Hz Normalized In-Band 1/f Noise
n
–157 dBc/Hz Wideband Output Phase Noise Floor
n
Excellent Integer Boundary Spurious Performance
n
Output Divider (1 to 6, 50% Duty Cycle)
n
Output Buffer Muting
n
Reference Input Frequency Up to 425MHz
n
Fast Frequency Switching
n
FracNWizard™ Software Design Tool Support
n
Wireless Basestations (LTE, WiMAX, W-CDMA, PCS)
n
Microwave Data Links
n
Military and Secure Radio
n
Test and Measurement
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
FracNWizard is a trademark of Analog Devices, Inc. All other trademarks are the property of
their respective owners.
UNUSED OUTPUT
AVAILABLE FOR
OTHER USE
50
0.1µF
R = 2, fPFD = 50MHz
N = 84 TO 127.8
LBW = 186kHz
O = 1
0.01µF
1µF
0.01µF
5V
3.3V
0.1µF
68nH
68nH
0.01µF
3.3V
76.8
100pF
100pF
1.6nF
3.3V
fLO = 4200MHz TO 6390MHz IN 190.7Hz STEPS
LTC6948-4
STAT
TUNE
CS
SDI
VD+
LDO
SCLK
TB
GND
REF+
SDO
CMC
CMB
CMA
GND
BVCO
0.1µF
100MHz
51.1
1µF
3.3V
1µF
0.1µF
3.3V
1µF
2.2µF
15
1µF
6948 TA01a
SPI BUS
10µH
RF INPUT SIGNAL
IF OUTPUT
IF
LO
RF
76.8
56nF
2.4nF
LTC6948-4 Phase Noise,
fRF = 6236MHz
OFFSET FREQUENCY (Hz)
–140
–130
–110
–90
100
10k
100k
10M 40M
6946 TA01b
–150
1k
1M
–100
–120
–160
RMS NOISE = 0.412°
RMS JITTER = 183fs
fPFD = 50MHz
LOOP BW = 186kHz
INTN = 0
CPLE = 1


Similar Part No. - LTC6948

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6948 LINER-LTC6948 Datasheet
818Kb / 10P
Ultralow Noise and Spurious Fractional-N Synthesizer with Integrated VCO
LTC6948 LINER-LTC6948 Datasheet
503Kb / 36P
Ultralow Noise 0.37GHz to 6.39GHz Fractional-N Synthesizer with Integrated VCO
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
2Mb / 26P
1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
LTC6948 AD-LTC6948 Datasheet
2Mb / 32P
300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
06/18-REV.A
logo
Linear Technology
LTC6948 LINER-LTC6948_15 Datasheet
503Kb / 36P
Ultralow Noise 0.37GHz to 6.39GHz Fractional-N Synthesizer with Integrated VCO
More results

Similar Description - LTC6948

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC764LP6CE HITTITE-HMC764LP6CE Datasheet
678Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.3 - 8.2 GHz
HMC765LP6CE HITTITE-HMC765LP6CE Datasheet
677Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.8 - 8.8 GHz
HMC783LP6CE HITTITE-HMC783LP6CE Datasheet
665Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 11.5 - 12.5 GHz
HMC807LP6CE HITTITE-HMC807LP6CE Datasheet
644Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
HMC820LP6CE HITTITE-HMC820LP6CE Datasheet
490Kb / 10P
FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO
HMC824LP6CE HITTITE-HMC824LP6CE Datasheet
491Kb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 780 - 870 MHz
HMC828LP6CE HITTITE-HMC828LP6CE Datasheet
495Kb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1285 - 1415 MHz
HMC826LP6CE HITTITE-HMC826LP6CE_10 Datasheet
1Mb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 990 - 1105 MHz
HMC831LP6CE HITTITE-HMC831LP6CE_10 Datasheet
1,017Kb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1815 - 2010 MHz
HMC836LP6CE HITTITE-HMC836LP6CE_10 Datasheet
1,007Kb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com