Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 12Page - Analog Devices LTC6948 Datasheet HTML 13Page - Analog Devices LTC6948 Datasheet HTML 14Page - Analog Devices LTC6948 Datasheet HTML 15Page - Analog Devices LTC6948 Datasheet HTML 16Page - Analog Devices LTC6948 Datasheet HTML 17Page - Analog Devices LTC6948 Datasheet HTML 18Page - Analog Devices LTC6948 Datasheet HTML 19Page - Analog Devices LTC6948 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
LTC6948
16
6948fa
For more information www.linear.com/LTC6948
operaTion
Figure 4. Simplified Charge Pump Schematic
Figure 3. UNLOCK and LOCK Timing
+tLWW
–tLWW
UNLOCK FLAG
LOCK FLAG
t = COUNTS/fPFD
6948 F03
0
PHASE
DIFFERENCE
AT PFD
26
CP
ICP
THI
0.9V
VCP+
VCP+
TLO
+–
0.9V
6948 F04
+–
VCP+/2
CP LINEARIZER
CONTROL
ENABLE
CPMID
CPUP
UP
ILIN
CPDN
CP[2:0]
CPINV
DOWN
ND[9:0]
INTN
CPLE
VCP+
Table 5. LKCT[1:0] Programming
LKCT[1:0]
COUNTS
0
Lock Indicator Disabled
1
32
2
256
3
2048
When the PFD phase difference is greater than tLWW, the
lock indicator immediately asserts the UNLOCK status
flag and clears the LOCK flag, indicating an out-of-lock
condition. The UNLOCK flag is immediately de-asserted
when the phase difference is less than tLWW. See Figure 3
for more details.
Note that fREF must be present for the LOCK and UNLOCK
flags to properly assert and clear.
to the lower impedance of the loop filter components,
although currents larger than 5.6mA typically cause worse
spurious performance. See Table 6 for programming
specifics and the Applications Information section for
loop filter examples.
Table 6. CP[2:0] Programming
CP[2:0]
ICP
0
1.0mA
1
1.4mA
2
2.0mA
3
2.8mA
4
4.0mA
5
5.6mA
6
8.0mA
7
11.2mA
The CPINV bit found in register h0D should be set for ap-
plications requiring signal inversion from the PFD, such as
for complex external loops using an inverting op amp. A
passiveloopfilterasshowninFigure13requiresCPINV=0.
CHARGE PUMP
The charge pump, controlled by the PFD, forces sink
(DOWN) or source (UP) current pulses onto the CP pin,
which should be connected to an appropriate loop filter.
SeeFigure4forasimplifiedschematicofthechargepump.
The output current magnitude ICP may be set from 1mA to
11.2mA using the CP[2:0] bits found in serial port register
h0C. A larger ICP can result in lower in-band noise due



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com