Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 31 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 31 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 27Page - Analog Devices LTC6948 Datasheet HTML 28Page - Analog Devices LTC6948 Datasheet HTML 29Page - Analog Devices LTC6948 Datasheet HTML 30Page - Analog Devices LTC6948 Datasheet HTML 31Page - Analog Devices LTC6948 Datasheet HTML 32Page - Analog Devices LTC6948 Datasheet HTML 33Page - Analog Devices LTC6948 Datasheet HTML 34Page - Analog Devices LTC6948 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
LTC6948
31
6948fa
For more information www.linear.com/LTC6948
–40
–50
–60
–70
–80
–90
–100
–110
6948 F15
FREQUENCY OFFSET FROM 3GHz (Hz)
1k
10k
10M
1M
100k
fVCO ≈ 3GHz
fPFD = 50MHz
LOOP BW = 130kHz
CPLE = 1
N = 60
SWEPT NUM
Figure 15. Integer Boundary Spur Power vs Frequency
Offset from Boundary, LTC6948-1
INTEGER BOUNDARY SPURS
Integer boundary spurs are caused by intermodulation
between harmonics of the PFD frequency fPFD and the
VCO frequency fVCO. The coupling between the frequency
source harmonics can occur either on- or off-chip. The
spurs are located at offset frequencies defined by the beat
frequency between the reference harmonics and the VCO
frequency, and are attenuated by the loop filter. The spurs
only occur while in fractional mode.
Integer boundary spurs are most commonly seen when
the fractional value F approaches either zero or one such
that the VCO frequency offset from an integer frequency
is within the loop bandwidth:
fPFD • F ≤ BW
or
fPFD • (1 – F) ≤ BW
The spur will have a relatively constant power in-band,
and be attenuated by the loop out-of-band. An example
integerboundaryspurmeasurementisshowninFigure15.
RF OUTPUT MATCHING
The RF± outputs may be used in either single-ended or dif-
ferentialconfigurations.UsingbothRFoutputsdifferentially
will result in approximately 3dB more output power than
single-ended. Impedance matching to an external load in
bothcasesrequiresexternalchokestiedtoVRF+.Measured
RF± S-parameters are shown below in Table 17 to aid in
the design of impedance matching networks.
Table 17. Single-Ended RF Output Impedance
FREQUENCY (MHz)
IMPEDANCE (Ω)
S11 (dB)
100
133.0 – j16.8
–6.7
500
110.8 – j46.1
–6.8
1000
74.9 – j57.0
–6.9
1500
49.0 – j51.3
–6.7
2000
34.4 – j41.4
–6.5
2500
27.0 – j32.1
–6.5
3000
23.2 – j24.1
–6.6
3500
21.6 – j15.9
–7.1
4000
20.9 – j7.7
–7.5
4500
20.1 – j0.2
–7.4
5000
18.1 + j7.4
–6.4
5500
16.7 + j12.5
–5.6
6000
17.1 + j16.1
–5.5
6500
20.2 + j20.1
–6.2
7000
26.9 + j24.6
–7.6
7500
38.8 + j32.3
–8.8
8000
52.9 + j43.1
–8.2
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com