Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 22Page - Analog Devices LTC6948 Datasheet HTML 23Page - Analog Devices LTC6948 Datasheet HTML 24Page - Analog Devices LTC6948 Datasheet HTML 25Page - Analog Devices LTC6948 Datasheet HTML 26Page - Analog Devices LTC6948 Datasheet HTML 27Page - Analog Devices LTC6948 Datasheet HTML 28Page - Analog Devices LTC6948 Datasheet HTML 29Page - Analog Devices LTC6948 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
LTC6948
26
6948fa
For more information www.linear.com/LTC6948
applicaTions inForMaTion
Alternatively,tocalculatethenumeratorstepsizeNUMSTEP
needed to produce a given frequency step fSTEP(FRAC), use
Equation 9:
NUMSTEP =
fSTEP(FRAC) •R•O•218
fREF
(9)
The output frequency resolution fSTEP(INT) produced by a
unit change in N while in integer mode is given by Equa-
tion 10:
fSTEP(INT) =
fREF
R•O
(10)
LOOP FILTER DESIGN
AstablePLLsystemrequirescareindesigningtheexternal
loopfilter.TheLinearTechnologyFracNWizardapplication,
available from www.linear.com, aids in design and simula-
tion of the complete system.
The loop design should use the following algorithm:
1) DeterminetheoutputfrequencyfRFandfrequencystep
size fSTEP based on application requirements. Using
Equations 3, 5, 7, and 8, change fREF, N, R, and O until
the application frequency constraints are met. Use the
minimum R value that still satisfies the constraints.
Then calculate B using Equation 1 and Tables 8 and
9.
2) Select the open loop bandwidth BW constrained by
fPFD and oversampling ratio OSR. The OSR is the ratio
of fPFD to BW (see Equation 11):
OSR =
fPFD
BW
or
BW =
fPFD
OSR
(11)
where BW and fPFD are in Hz.
A stable loop, both in integer and fractional mode,
requires that the OSR is greater than or equal to 10.
Further, in fractional mode, OSR must be high enough
to allow the loop filter to reduce modulator quantiza-
tion noise to an acceptable level.
Choosing a higher order loop filter when using the Δ∑
modulator allows for a smaller OSR, and thus a larger
loop bandwidth. Linear Technology’s FracNWizard
helps choose the appropriate OSR and BW values.
3) Select loop filter component RZ and charge pump cur-
rent ICP based on BW and the VCO gain factor, KVCO.
BW (in Hz) is approximated by the following equation:
BW ≅
ICP •RZ •KVCO
2 • π •N
or
RZ =
2 • π •BW •N
ICP •KVCO
(12)
where KVCO is in Hz/V, ICP is in Amps, and RZ is in
Ohms.KVCOisobtainedfromtheVCOTuningSensitivity
in the Electrical Characteristics. Use ICP = 5.6mA to
lower in-band noise unless component values force
a lower setting.
4) Select loop filter components CI and CP based on BW
and RZ. A reliable second-order loop filter design can
be achieved by using the following equations for the
loop capacitors (in Farads).
CI =
3.5
2 • π •BW •RZ
(13)
CP =
1
7 • π •BW •RZ
(14)
Use FracNWizard to aid in the design of higher order
loop filters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com