Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 10Page - Analog Devices LTC6948 Datasheet HTML 11Page - Analog Devices LTC6948 Datasheet HTML 12Page - Analog Devices LTC6948 Datasheet HTML 13Page - Analog Devices LTC6948 Datasheet HTML 14Page - Analog Devices LTC6948 Datasheet HTML 15Page - Analog Devices LTC6948 Datasheet HTML 16Page - Analog Devices LTC6948 Datasheet HTML 17Page - Analog Devices LTC6948 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
LTC6948
14
6948fa
For more information www.linear.com/LTC6948
operaTion
The LTC6948 is a high-performance fractional-N PLL
complete with a low noise VCO available in four different
frequency range options. The output frequency range
may be further extended by utilizing the output divider
(see Available Options table for more details). The device
is able to achieve superior integrated phase noise by the
combination of its extremely low in-band phase noise
performance and excellent VCO noise characteristics.
The fractional-N feedback divider uses an advanced Δ∑
modulator, resulting in virtually no discrete modulator
spurioustones.Themodulatormaybedisabledifinteger-N
feedback is required.
REFERENCE INPUT BUFFER
The PLL’s reference frequency is applied differentially on
pins REF+ and REF–. These high impedance inputs are
self-biased and must be AC-coupled with 1µF capacitors
(see Figure 1 for a simplified schematic). Alternatively, the
inputs may be used single-ended by applying the refer-
ence frequency at REF+ and bypassing REF– to GND with
a 1µF capacitor. If the single-ended signal is greater than
2.7VP-P, then use a 47pF capacitor for the GND bypass.
Additionaloptionsareavailablethroughserialportregister
h0B to further refine the application. Bits FILT[1:0] control
the reference input buffer’s lowpass filter, and should be
set based upon fREF to limit the reference’s wideband
noise. The FILT[1:0] bits must be set correctly to reach
the LNORMnormalizedin-bandphasenoisefloor.SeeTable
1 for recommended settings.
Table 1. FILT[1:0] Programming
FILT[1:0]
fREF
3
<20MHz
2
NA
1
20MHz to 50MHz
0
>50MHz
The BST bit should be set based upon the input signal level
to prevent the reference input buffer from saturating. See
Table 2 for recommended settings and the Applications
Information section for programming examples.
Table 2. BST Programming
BST
VREF
1
<2VP-P
0
≥2VP-P
REFERENCE (R) DIVIDER
A 5-bit divider, R_DIV, is used to reduce the frequency
seen at the PFD. Its divide ratio R may be set to any inte-
ger from 1 to 31, inclusive. Use the RD[4:0] bits found in
registers h06 to directly program the R divide ratio. See
the Applications Information section for the relationship
between R and the fREF, fPFD, fVCO, and fRF frequencies.
PHASE/FREQUENCY DETECTOR (PFD)
The phase/frequency detector (PFD), in conjunction with
thechargepump,producessourceandsinkcurrentpulses
proportional to the phase difference between the outputs
of the R and N dividers. This action provides the necessary
feedback to phase-lock the loop, forcing a phase align-
Figure 1. Simplified REF Interface Schematic
4.2k
REF+
REF–
4.2k
6948 F01
1.9V
BST
BIAS
VREF+
VREF+
LOWPASS
FILT[1:0]
1
28
A high quality signal must be applied to the REF± inputs
as they provide the frequency reference to the entire PLL.
To achieve the part’s in-band phase noise performance,
apply a CW signal of at least 6dBm into 50Ω, or a square
wave of at least 0.5VP-P with slew rate of at least 40V/µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com