Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 8Page - Analog Devices LTC6948 Datasheet HTML 9Page - Analog Devices LTC6948 Datasheet HTML 10Page - Analog Devices LTC6948 Datasheet HTML 11Page - Analog Devices LTC6948 Datasheet HTML 12Page - Analog Devices LTC6948 Datasheet HTML 13Page - Analog Devices LTC6948 Datasheet HTML 14Page - Analog Devices LTC6948 Datasheet HTML 15Page - Analog Devices LTC6948 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
LTC6948
12
6948fa
For more information www.linear.com/LTC6948
TB (Pin 16): VCO Bypass. This output has a 2k resistance
and must be bypassed with a 2.2µF ceramic capacitor to
GND. It is normally connected to CMA, CMB, and CMC with
a short trace. Do not couple this pin to any other signal.
CMA,CMB,CMC(Pins18,19,20):VCOBiasInputs.These
inputs are normally connected to TB with a short trace
and bypassed with a 2.2µF ceramic capacitor to GND. Do
not couple these pins to any other signal. For best phase
noise performance, DO NOT place a trace between these
pads underneath the package.
BVCO (Pin 22): VCO Bypass Pin. This output must be
bypassed with a 1µF ceramic capacitor to GND. Do not
couple this pin to any other signal.
VVCO+ (Pin 23): 4.75V to 5.25V Positive Supply Pin for
VCO Circuitry. This pin should be bypassed directly to the
ground plane using a 0.01µF ceramic capacitor as close
to the pin as possible.
GND (24): Negative Power Supply (Ground). This pin is
attached directly to the die attach paddle (DAP) and should
be tied directly to the ground plane.
VCP+ (Pin 25): 4V to 5.25V Positive Supply Pin for Charge
Pump Circuitry. This pin should be bypassed directly to
the ground plane using a 0.1µF ceramic capacitor as close
to the pin as possible.
CP (Pin 26): Charge Pump Output. This bidirectional cur-
rentoutputisnormallyconnectedtotheexternalloopfilter.
See the Applications Information section for more details.
VREF+ (Pin 27): 3.15V to 3.45V Positive Supply Pin for
Reference Input Circuitry. This pin should be bypassed
directly to the ground plane using a 0.1µF ceramic capaci-
tor as close to the pin as possible.
pin FuncTions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com