Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 105 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 105 Page - Analog Devices

Back Button AD9154 Datasheet HTML 101Page - Analog Devices AD9154 Datasheet HTML 102Page - Analog Devices AD9154 Datasheet HTML 103Page - Analog Devices AD9154 Datasheet HTML 104Page - Analog Devices AD9154 Datasheet HTML 105Page - Analog Devices AD9154 Datasheet HTML 106Page - Analog Devices AD9154 Datasheet HTML 107Page - Analog Devices AD9154 Datasheet HTML 108Page - Analog Devices AD9154 Datasheet HTML 109Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 105 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x1B6
DACPLLT6
7
RESERVED
Reserved.
0x0
R
6
PORESETB_VCO
Reset for VCO Logic.
0x1
R/W
[5:4]
EXT_VCO_BITSEL
External VCO Bitsel.
0x0
R/W
[3:0]
VCO_LVL_OUT
VCO Amplitude Control.
0xA
R/W
0x1B7
DACPLLT7
7
LD_SYNTH
Manual Recalibration of Synthesizer.
0x0
R/W
1 Enable circuitry to reduce the voltage of the cal
offset target point.
0 Disable circuitry to reduce the voltage of the cal
offset target point.
6
RESERVED
Reserved.
0x0
R
[5:0]
CP_IBLEED
Charge Pump Offset.
0x0
R/W
0x1B8
DACPLLT8
7
RESERVED
Reserved.
0x0
R
6
COMP_OUT
CP Calibration comparator output.
0x0
R
5
CP_CAL_DONE
CP Calibration has completed.
0x0
R
4
VCO_CAL_IN_
PROG
VCO Calibration occurring.
0x0
R
[3:0]
CP_CALBITS
Calibrated CP outcome.
0x0
R
0x1B9
DACPLLT9
7
HALF_VCO_CAL_
CLK
Slow down VCO Calibration clock.
0x0
R/W
6
DITHER_MODE
Dither Mode—Not used.
0x0
R/W
5
MACHINE_
ENABLE
PLL power mode machine enable.
0x1
R/W
4
CP_OFFSET_OFF
Turn off CP offset.
0x1
R/W
3
FORCE_CP_
CALBITS
Force external CP cal code.
0x0
R/W
0 CP Calibration auto—if device off.
1 CP Calibration manual—if device off.
2
CAP_CAL_EN
Enable CP Calibration.
0x1
R/W
0 Disable charge pump calibration.
1 Enable charge pump calibration.
[1:0]
CP_TEST
CP Test Modes.
0x0
R/W
0x1BA
DACPLLTA
[7:4]
MACHINE_STATE
Power-Up Machine State.
0x0
R
[3:0]
FCP_CALBITS
External CP Calibration Bits to Drive. These are the
externally forced calibration bits for the charge
pump in the PLL when the power-up machine is not
in use. The power-up machine automatically
calibrates the charge pump and stores the value in
the device.
0x0
R/W
0x1BB
DACPLLTB
[7:5]
RESERVED
Reserved.
0x0
R
[4:3]
VCO_BIAS_TCF
Temperature Coefficient for VCO bias.
0x1
R/W
[2:0]
VCO_BIAS_REF
VCO Bias control.
0x4
R/W
0x1BC
DACPLLTC
7
VCO_BYP_BIASR
Bypass VCO bias Resistor.
0x0
R/W
[6:5]
RESERVED
Reserved.
0x0
R/W
4
VCO_COMP_BYP_
BIASR
Bypass Resistor in VCO Comparator.
0x0
R/W
3
PRSC_HIGHR
PRSC configuration.
0x0
R/W
2
LAST_ALC_EN
Enable Last ALC.
0x0
R/W
[1:0]
PRSC_BIAS_CTRL
PRSC bias Control.
0x0
R/W
0x1BD
DACPLLTD
[7:4]
RESERVED
Reserved.
0x0
R
3
VCO_CAL_REF_
MON
Sent control voltage to outside world.
0x0
R/W
[2:0]
VCO_CAL_REF_
TCF
Temperature Coefficient for Calibration reference.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com