Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 30Page - NXP Semiconductors ISP1521 Datasheet HTML 31Page - NXP Semiconductors ISP1521 Datasheet HTML 32Page - NXP Semiconductors ISP1521 Datasheet HTML 33Page - NXP Semiconductors ISP1521 Datasheet HTML 34Page - NXP Semiconductors ISP1521 Datasheet HTML 35Page - NXP Semiconductors ISP1521 Datasheet HTML 36Page - NXP Semiconductors ISP1521 Datasheet HTML 37Page - NXP Semiconductors ISP1521 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
34 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
13. Limiting values
[1]
Valid only when supply voltage is present.
[2]
Test method available on request.
[3]
Equivalent to discharging a 100 pF capacitor via a 1.5 k
Ω resistor (Human Body Model).
14. Recommended operating conditions
[1]
All internal pull-up resistors are connected to this voltage.
Table 34:
Absolute maximum ratings
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage 3.3 V
−0.5
+4.6
V
VREF(5V0)
input reference voltage 5.0 V
−0.5
+6.0
V
VI(5V0)
input voltage on 5 V buffers
3.0 V < VCC < 3.6 V
[1]
−0.5
+6.0
V
VI(3V3)
input voltage on 3.3 V buffers
3.0 V < VCC < 3.6 V
−0.5
+4.6
V
VO(3V3)
output voltage on 3.3 V buffers
−0.5
+4.6
V
Ilu
latch-up current
VI < 0 or VI >VCC
-
100
mA
Vesd
electrostatic discharge voltage
on pins DM1 to DM7, DP1 to DP7,
OC1_N to OC7_N, and all
VREF(5V0) and GND pins; ILI <1 µA
[2][3]
−4000
+4000
V
on all other pins; ILI <1 µA
[2][3]
−2000
+2000
V
Tstg
storage temperature
−40
+125
°C
Table 35:
Recommended operating ranges
Symbol
Parameter
Min
Typ
Max
Unit
VCC
supply voltage 3.3 V
3.0
3.3
3.6
V
VREF(5V0)
input reference voltage 5.0 V
[1] 4.5
5.0
5.5
V
VI(3V3)
input voltage on 3.3 V pins
0
-
VCC
V
VI(5V0)
input voltage on 5 V tolerant pins
0
-
VREF(5V0) V
Tamb
ambient temperature
−40
-
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com