Electronic Components Datasheet Search
  English  ▼

X  

ISP1521 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 41Page - NXP Semiconductors ISP1521 Datasheet HTML 42Page - NXP Semiconductors ISP1521 Datasheet HTML 43Page - NXP Semiconductors ISP1521 Datasheet HTML 44Page - NXP Semiconductors ISP1521 Datasheet HTML 45Page - NXP Semiconductors ISP1521 Datasheet HTML 46Page - NXP Semiconductors ISP1521 Datasheet HTML 47Page - NXP Semiconductors ISP1521 Datasheet HTML 48Page - NXP Semiconductors ISP1521 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
45 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
17.3 Self-powered hub configurations
Fig 19. Self-powered hub; individual port power switching; individual overcurrent
detection.
PSW1_N
PSW2_N
TEST_HIGH
OC1_N
OC2_N
PSW7_N
OC7_N
5 V
± 3 %
POWER SUPPLY −
+
1
VBUS
D
+
D
−
GND
port 2
to
port 6
SHIELD
+4.75 V
(min)
+4.85 V (min)
VREF(5V0)
GND
ISP1521
120
µF
ferrite bead
downstream
port connector
T1
T7
0.1
µF
47 k
Ω
004aaa304
3.3 V LDO
VOLTAGE
REGULATOR
VCC
ADOC
7
VBUS
D
+
D
−
GND
SHIELD
+4.75 V
(min)
120
µF
ferrite bead
0.1
µF
47 k
Ω
TEST_LOW
PSW3_N
OC3_N
PSW4_N
OC4_N
PSW5_N
OC5_N
PSW6_N
OC6_N
3.3 V or 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com